Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6219G-S24-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L6219G-S24-R
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6219G-S24-R Datasheet(HTML) 6 Page - Unisonic Technologies

  L6219G-S24-R Datasheet HTML 1Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 2Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 3Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 4Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 5Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 6Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 7Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 8Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
L6219
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
6 of 9
www.unisonic.com.tw
QW-R109-005.D
APPLI CAT I ON I N FORM AT I ON (Cont .)
Thermal Considerations
For reliable operation, it is recommended that the maximum junction temperature be kept below 110°C to 125°C.
The junction temperature can be measured best by attaching a thermocouple to the power pins (6, 7, 18 and 19) of
the device and measuring the pin temperature, TTAB. The junction temperature can then be approximated by using
the formula:
TJ=TTAB +(2
×I
LOAD
×V
F
×Rθ
JT)
where VF can be chosen from the electrical specification table for the given level of ILOAD. The value for RθJT is
approximately 6°C/W.
The power dissipation can be improved 20% to 30% by adding a section of printed circuit board copper (typically 6
to 18 square centimeters) connected to the power pins of the device.
The thermal performance in applications that run at high load currents, high duty cycles, or both can be improved
by adding external diodes from each output to ground in parallel with the internal diodes. Fast-recovery (
≤200 ns)
diodes should be used to minimize switching losses.
Load Supply Terminal
The load supply terminal, VBB, should be decoupled with an electrolytic capacitor (
≥47μF is recommended), placed
as close to the device as is physically practical. To minimize the effect of system ground IR drops on the logic and
reference input signals, the system ground should have a low-resistance return to the load supply voltage.
Fixed Off-Time Selection
With increasing values of tOFF, switching losses decrease, low level
load current regulation improves, EMI
reduces, PWM frequency decreases, and ripple current increases. The value of tOFF can be chosen for optimization
of these parameters. For applications where audible noise is a concern, typical values of tOFF should be chosen in
the range of 15 to 35
μs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com