Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF2768G-SM2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UF2768G-SM2-R
Description  THREE-PHASE SINE-WAVE SENSOR-LESS FAN MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF2768G-SM2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UF2768G-SM2-R Datasheet HTML 1Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 2Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 3Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 4Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 5Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 6Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 7Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UF2768
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
6 of 8
www.unisonic.com.tw
QW-R140-012.a
FU N CT I ON AL DESCRI PT I ON (Cont .)
Soft Switch (Sine-Wave Output)
The is a soft switch function to make phase current be-come more gentle, which can reduce the noise of motor in
switching interval. Using PWM duty cycle control to create the sinusoidal current waveform. BEMF detection window
is opened on phase W in order to measure the rotor position so as to define the modulation timing. close to the ideal
sine wave output.( See figure 4. Sinusoidal PWM)
Lock Protection and Automatic Restart
The UF2768 provides the lock protection and automatic restart functions to prevent the coil burnout while the fan
is locked. As the fan is locked, the IC will come into startup operation for 1 second. Then, the IC will switch to lock
protection mode to close output driver for 6 seconds. After lock protection mode, the IC switches to startup operation
again. If the locked condition still remains, the lock and restart process will be recurred until the locked condition is
released.
Thermal Protection
The UF2768 has thermal protection. When internal junction temperature reaches 160°C, the output devices will be
switched off. When the IC’s junction temperature cools down 30°C, the thermal sensor will turn on the output devices
again, resulting in a pulsed output during continuous thermal protection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com