Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF2768G-SM2-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UF2768G-SM2-R
Description  THREE-PHASE SINE-WAVE SENSOR-LESS FAN MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF2768G-SM2-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UF2768G-SM2-R Datasheet HTML 1Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 2Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 3Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 4Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 5Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 6Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 7Page - Unisonic Technologies UF2768G-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UF2768
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
7 of 8
www.unisonic.com.tw
QW-R140-012.a
APPLI CAT I ON I N FORM AT I ON
Input Protection Diode & Capacitor
It is necessary to add a protection diode (D1) to prevent the damage from the power reverse connection. However,
the protection diode will cause a voltage drop on the supply voltage. The current rating of the diode must be larger
than the maximum output current. For the noise reduction purpose, a capacitor (C1) is connected between VCC and
GND. (see Typical Application Circuit) It’s suggested that C1 should be placed as close as possible in the VCC pin.
OSC Capacitor
The capacitor connects from OSC pin to GND can be determined the frequency of force commutation. The optimal
design of the frequency could make sure the motor start-up in succeed. Its capacitance from 1000pF to 3300pF is
recommended.
FG Resistor
The value of FG resistor could be decided by the following
equation:
CC
FG/RD
FG
FG/RD
V-V
R=
I
For example:
VCC=5V, IFG=5mA, VFG=0.2V, RFG=0.96k
Ω
The value of resistor in the range of 1kw to 10kw is recommended.
Thermal Consideration
Refer to “Maximum Power Dissipation vs. Ambient Temperature”, the IC is safe to operate below the curve and it
will cause the thermal protection if the operating area is above the line. For example, TA= 75°C, the MSOP-10
package maximum power dissipation is about 0.48W. The power dissipation can be calculated by the following
equation:
DCC
UO
VO
UO
CC
CC
×I +V
P=(V -
)
V-
×I
V
For example:
VCC=5V, ICC=3mA, IOUT=250mA, VUO=4.85V, VVO=0.15V, then PD=0.09W
The GND pin provides an electrical connection to the ground and channeling heat away. The printed circuit board
(PCB) forms a heat sink and dissipates most of the heat into ambient air.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com