Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH251G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UH251G-S08-R
Description  LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH251G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UH251G-S08-R Datasheet HTML 1Page - Unisonic Technologies UH251G-S08-R Datasheet HTML 2Page - Unisonic Technologies UH251G-S08-R Datasheet HTML 3Page - Unisonic Technologies UH251G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UH251
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R109-039.a
ABSOLU T E M AX I M U M RAT I N G (TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VDD
5.5
V
Supply Voltage
VS
5.5
V
Input Voltage
VIN
VDD+0.4
V
IO Peak Current
IOPEAK
2
A
IODC Current
IODC
0.75
A
Power Dissipation
PD
680
mW
Operating Temperature Range
TOPR
-40 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECT RI CAL CH ARACT ERI ST I CS (VDD=VS=3V, TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
1.5
3
5.5
V
Supply Voltage
VS
1.5
3
5.5
V
IDD0
VIN1, IN2, IN3=0V
0.5
10
μA
Supply Current (IDD+IS)
IDD1
VIN1, IN2, IN3=3V
1
10
μA
IN1/IN2/IN3 Input Terminal (TJ=25°C)
Input Voltage “H”
VIH
0.8×VDD
VDD+0.4
V
Input Voltage “L”
VIL
-0.4
0.2×VDD
V
Input Current “H”
IIH
VIN=VDD
±5
μA
Input Current “L”
IIL
VIN=0V
±5
μA
O1/O2 Output Terminal (TJ=25°C)
VOUT1
IOUT=200mA
0.3
0.45
V
VOUT2
IOUT=300mA
0.5
0.7
V
Output Voltage
(Upper+Lower)
VOUT3
IOUT=600mA
0.9
1.0
V
Output Sustaining Voltage
VO (SUS) IOUT=400mA
VS
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com