Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH251G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UH251G-S08-R
Description  LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH251G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UH251G-S08-R Datasheet HTML 1Page - Unisonic Technologies UH251G-S08-R Datasheet HTML 2Page - Unisonic Technologies UH251G-S08-R Datasheet HTML 3Page - Unisonic Technologies UH251G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UH251
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R109-039.a
LOW-SAT U RAT I ON ,
LOW-V OLT AGE 1 .5 CH AN N EL
BI -DI RECT I ON AL M OT OR
DRI V ER
DESCRI PT I ON
The device is a 1.5-channel low-saturation bi-directional motor
driver IC. The design is optimal for motor applications, such as
cameras, printers, FDDs, or other portable devices with forward,
reverse, brake and stand-by function.
FEAT U RES
* Low voltage operation (VDDMIN=VSMIN=1.5V)
* Low saturation voltage (Upper transistor + low transistor residual
voltage; 0.4V typ. at 300mA, VDD=VS=3V)
* Low input current
* Brake function
* High output sinking and driving capability
SOP-8
ORDERI N G I N FORM AT I ON
Ordering Number
Package
Packing
UH251G-S08-R
SOP-8
Tape Reel
M ARK I N G


Similar Part No. - UH251G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH255G-AG6-R UTC-UH255G-AG6-R Datasheet
212Kb / 6P
CMOS IC
More results

Similar Description - UH251G-S08-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD111 SITI-11-MD111 Datasheet
261Kb / 7P
Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD124 SITI-11-MD124 Datasheet
244Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1151A SITI-ST1151A Datasheet
261Kb / 7P
Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155A SITI-ST1155A Datasheet
282Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com