Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMD9115L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UMD9115L-S08-R
Description  BRUSH DC MOTOR DRIVE CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMD9115L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UMD9115L-S08-R Datasheet HTML 1Page - Unisonic Technologies UMD9115L-S08-R Datasheet HTML 2Page - Unisonic Technologies UMD9115L-S08-R Datasheet HTML 3Page - Unisonic Technologies UMD9115L-S08-R Datasheet HTML 4Page - Unisonic Technologies UMD9115L-S08-R Datasheet HTML 5Page - Unisonic Technologies UMD9115L-S08-R Datasheet HTML 6Page - Unisonic Technologies UMD9115L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UMD9115
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
4 of 7
www.unisonic.com.tw
QW-R109-045.a
ABSOLU T E M AX I M U M RAT I N G (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Logic and Control Supply Voltage
VCC
7
V
Maximum Output Supply Voltage
VDD
18
V
Maximum External Output Voltage
VOUT
VDD
V
Maximum External Input Voltage
VIN
VCC
V
Peak Output Current/Channel
IOUT_PEAK
0.5
A
Junction Temperature
TJ
+150
°C
Operational Temperature Range
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Maximum power dissipation at different ambient can be obtained from the following formula
PD=(TJ-TA)/
θJA.
Where TJ is junction temperature with the circuit working, and TA is the ambient temperature with the
circuit working.
3. Method of calculation of circuit power dissipation
P=I
2×R
Where P is circuit power dissipation, I is continuous output current, and R is circuit output on-resistance.
Circuit power dissipation P must be smaller than maximum power dissipation PD.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
143
°C/W
RECOM M EN DED OPERAT I ON AL CON DI T I ON S (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Logic and Control Supply Voltage
VCC
5.0
V
Maximum Output Supply Voltage
VDD
18
V
Note: Logic control power supply VCC and power supply VDD are fully separate internally, and can supply electricity
separately.
ELECT RI CAL CH ARACT ERI ST I CS (TA=25°C, VCC=3V, VDD=6V, unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
The Power Supply Parameters
VCC Standby Current
IVCCST
0
10
μA
VDD Standby Current
IVDDST
INA=INB=L, VCC=7V
VDD=10V, Output opened
0
10
μA
VCC Static Supply Current
IVCC
INA=H or INB=H; Output opened
380
μA
VDD Static Supply Current
IVDD
INA=H or INB=H; Output opened
180
μA
Input Logic Level
Input High Level
VINH
2
V
Input Low Level
VINL
0.8
V
Input Level Hysteresis
VHYS
0.2
Input High Level Current
IINH
VINH=2.5V, VCC=3V
100
μA
Input the Pull-Down Resistor
RIN
VINH=3V, VCC=3V
27
k
Ω
The Power Tube Leads to Internal Resistance
Output Resistance
RON
IO=±200mA, VDD=6V, TA=25°C
4.5
Ω
Output Current
IOUT
200
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com