Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMD9115L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UMD9115L-S08-R
Description  BRUSH DC MOTOR DRIVE CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMD9115L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UMD9115L-S08-R Datasheet HTML 1Page - Unisonic Technologies UMD9115L-S08-R Datasheet HTML 2Page - Unisonic Technologies UMD9115L-S08-R Datasheet HTML 3Page - Unisonic Technologies UMD9115L-S08-R Datasheet HTML 4Page - Unisonic Technologies UMD9115L-S08-R Datasheet HTML 5Page - Unisonic Technologies UMD9115L-S08-R Datasheet HTML 6Page - Unisonic Technologies UMD9115L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UMD9115
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2019 Unisonic Technologies Co., Ltd
QW-R109-045.a
BRU SH DC M OT OR DRI V E
CI RCU I T
DESCRI PT I ON
UTC UMD9115 is an integrated brush DC motor drive solution
for battery-powered toys or battery-powered motion control
applications. It has H bridge driver and uses the PMOS and NMOS
power transistors with low output resistance. Low on-resistance
ensures the circuit to consume lower power in operating at a
continuous current, and ensures the circuit to operate stably for a
long time. The circuit has a wide working voltage range, and an
output power section is able to supply an output current of up to
200mA (typical) according to the logic control.
The IC allows control of reversible motors in cassette players
and other electrical equipment by using CMOS-level logic signals.
UTC UMD9115 has on-chip temperature protection function.
When load motor with low internal resistance is in locked rotor,
UTC UMD9115 output current will increase momentarily, power
dissipation of the circuit will go up sharply, and the chip
temperature will soar. But, when the chip temperature exceeds a
maximum temperature point set by internal temperature protection
circuit, the internal circuit will switch off the on-chip power switching
transistor of UTC UMD9115, and switch off load current, preventing
potential safety hazards such as fuming, igniting, etc. Of plastic
package caused by over temperature. Only after having confirmed
that the circuit has returned to safety temperature, can the on-chip
temperature hysteresis circuit be allowed to re-control the circuit.
FEAT U RES
* H bridge driver of internal PMOS/NMOS power switches
* Built-in motor driving power transistors (typ.200mA)
* Built-in anti-common state conduction circuit.
* Direct control with the CMOS logic
* Low standby current (typ.0.1uA)
* Low static operational current
* On-chip thermal shut down (TSD) with hysteresis
SOP-8


Similar Part No. - UMD9115L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UMD9111 UTC-UMD9111 Datasheet
184Kb / 8P
BRUSH DC MOTOR DRIVE CIRCUIT
UMD9111G-S08-R UTC-UMD9111G-S08-R Datasheet
184Kb / 8P
BRUSH DC MOTOR DRIVE CIRCUIT
UMD9111L-S08-R UTC-UMD9111L-S08-R Datasheet
184Kb / 8P
BRUSH DC MOTOR DRIVE CIRCUIT
UMD9112 UTC-UMD9112 Datasheet
153Kb / 7P
ELECTRIC TOY DC MOTOR DRIVE CIRCUIT
UMD9112G-S08-R UTC-UMD9112G-S08-R Datasheet
153Kb / 7P
ELECTRIC TOY DC MOTOR DRIVE CIRCUIT
More results

Similar Description - UMD9115L-S08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
Unisonic Technologies
UMD9111 UTC-UMD9111 Datasheet
184Kb / 8P
BRUSH DC MOTOR DRIVE CIRCUIT
UMD9113 UTC-UMD9113 Datasheet
164Kb / 8P
BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2466 HMSEMI-HM2466 Datasheet
694Kb / 12P
Drive DC brush motor or inductor or other load
HM2467 HMSEMI-HM2467 Datasheet
746Kb / 10P
Drive DC brush motor or inductor or other load
HM2532E HMSEMI-HM2532E Datasheet
1Mb / 12P
DC motor drive circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com