Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMD9115G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UMD9115G-S08-R
Description  BRUSH DC MOTOR DRIVE CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMD9115G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UMD9115G-S08-R Datasheet HTML 1Page - Unisonic Technologies UMD9115G-S08-R Datasheet HTML 2Page - Unisonic Technologies UMD9115G-S08-R Datasheet HTML 3Page - Unisonic Technologies UMD9115G-S08-R Datasheet HTML 4Page - Unisonic Technologies UMD9115G-S08-R Datasheet HTML 5Page - Unisonic Technologies UMD9115G-S08-R Datasheet HTML 6Page - Unisonic Technologies UMD9115G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UMD9115
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
2 of 7
www.unisonic.com.tw
QW-R109-045.a
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
UMD9115L-S08-R
UMD9115G-S08-R
SOP-8
Tape Reel
M ARK I N G
PI N CON FI GU RAT I ON
PI N DESCRI PT I ON
PIN NO.
PIN NAME
DESCRIPTION
1
VCC
Power supply of logic control circuit
2
INA
Forward rotation logic input
3
INB
Backward rotation logic input
4
VDD
Power supply
5
OUTB
Backward rotation output
6
AGND
Ground of logic control circuit
7
PGND
Ground of output power transistor
8
OUTA
Forward rotation output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com