Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMD9115G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UMD9115G-S08-R
Description  BRUSH DC MOTOR DRIVE CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMD9115G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UMD9115G-S08-R Datasheet HTML 1Page - Unisonic Technologies UMD9115G-S08-R Datasheet HTML 2Page - Unisonic Technologies UMD9115G-S08-R Datasheet HTML 3Page - Unisonic Technologies UMD9115G-S08-R Datasheet HTML 4Page - Unisonic Technologies UMD9115G-S08-R Datasheet HTML 5Page - Unisonic Technologies UMD9115G-S08-R Datasheet HTML 6Page - Unisonic Technologies UMD9115G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UMD9115
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
6 of 7
www.unisonic.com.tw
QW-R109-045.a
 APPLI CAT ION I NFORM AT I ON
1. Baseline Mode
(a) Standby mode
In standby mode, INA=INB=L. All internal circuits, including the drive power tube, are off state. Circuit
consumption is extremely low. In this mode, OUTA and OUTB both are in high-impedance state.
(b) Forward mode
The forward mode is defined as: INA=H, INB=L, at this point the motor drive end OUTA outputs high level, and
the motor drive end OUTB outputs low level, then the motor drives the current into the motor from the OUTA, and out
from the OUTB to the ground. This motor rotation mode is defined as the forward mode.
(c) Backward mode
The backward mode is defined as: INA=L, INB=H, at this point the motor drive end OUTB outputs high level,
and the motor drive end OUTA outputs low level, then the motor drives the current into the motor from the OUTB,
and out from the OUTA to the ground. This motor rotation mode is defined as the backward mode.
(d) Brake mode
The brake mode is defined as: INA=H, INB=H, at this point motor drive ends OUTA and OUTB both output low
level, and the energy stored in the motor will be quickly released through the OUTA end’s NMOS tube or the OUTB
end’s NMOS tube, so the motor will stop turning in a short time.
Note: in brake mode, circuit will consume static power.
M
OFF
OFF
OFF
OFF
(a) Standby mode
VDD
ON
OFF
OFF
ON
VDD
M
(b) Forward mode
OFF
ON
ON
OFF
VDD
M
(c) Backward mode
OFF
ON
OFF
ON
VDD
M
(d) Brake mode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com