Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6310 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6310
Description  High Speed Low Power Operational Amplifier with TRI-STATE Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6310 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM6310 Datasheet HTML 1Page - National Semiconductor (TI) LM6310 Datasheet HTML 2Page - National Semiconductor (TI) LM6310 Datasheet HTML 3Page - National Semiconductor (TI) LM6310 Datasheet HTML 4Page - National Semiconductor (TI) LM6310 Datasheet HTML 5Page - National Semiconductor (TI) LM6310 Datasheet HTML 6Page - National Semiconductor (TI) LM6310 Datasheet HTML 7Page - National Semiconductor (TI) LM6310 Datasheet HTML 8Page - National Semiconductor (TI) LM6310 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
ESD Tolerance (Note 2)
1500V
Differential Input Voltage
g
2V
Voltage at InputOutput Pin
(Va)a01V (Vb)b01V
Supply Voltage (Va –Vb)
12V
Current at Input Pin
g
5mA
Current at Output Pin (Note 3)
g
80 mA
Current at Power Supply Pin
80 mA
Lead Temp (soldering 10 sec)
260 C
Storage Temperature Range
b
65 Cto a150 C
Junction Temperature (Note 4)
150 C
Operating Ratings (Note 1)
Supply Voltage
Vb eb5V Va ea5V
Junction Temperature Range
LM6310I
b
40 C s TJ s a85 C
Thermal resistance (iJA)
N Package 8-pin Molded DIP
125 CW
SO-8 Package 8-Pin Surface Mount
165 CW
g
5V DC Electrical Characteristics Unless otherwise specified all limits guaranteed for TJ e 25 C Va
e
5V Vb eb5V VCM e VO e 0V and RL e 100X Boldface limits apply at the temperature extremes
Typ
LM6310I
Symbol
Parameter
Conditions
(Note 5)
Limit
Units
(Note 6)
VOS
Input Offset Voltage
1
5
mV
9
max
TCVOS
Input Offset Voltage
30
m
V C
Average Drift
IB
Input Bias Current
02
15
m
A
Non-Inverting (a) Input
30
max
IB
Input Bias Current
2
8
m
A
Inverting (b) Input
14
max
RIN
Input Resistance
6MX
Non-Inverting (a) Input
RIN
Input Resistance
180
X
Inverting (b) Input
CMRR
Common Mode
b
10V s VCM s a10V
50
43
db
Rejection Ratio
40
min
a
PSRR
Positive Power
Va e 45V to 55V
52
46
db
Supply Rejection Ratio
Vb eb50V
42
min
b
PSRR
Negative Power
Va e 50V
52
46
db
Supply Rejection Ratio
Vb eb45V to b55V
42
min
CIN
Common-Mode
2pF
Input Capacitance
VO
Output Swing
RL e 100X
35
31
V
24
min
b
28
b
27
V
b
16
max
RL e %
40
39
V
37
min
b
33
b
32
V
b
28
max
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com