Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6310 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6310
Description  High Speed Low Power Operational Amplifier with TRI-STATE Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6310 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM6310 Datasheet HTML 8Page - National Semiconductor (TI) LM6310 Datasheet HTML 9Page - National Semiconductor (TI) LM6310 Datasheet HTML 10Page - National Semiconductor (TI) LM6310 Datasheet HTML 11Page - National Semiconductor (TI) LM6310 Datasheet HTML 12Page - National Semiconductor (TI) LM6310 Datasheet HTML 13Page - National Semiconductor (TI) LM6310 Datasheet HTML 14Page - National Semiconductor (TI) LM6310 Datasheet HTML 15Page - National Semiconductor (TI) LM6310 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Information (Continued)
VIDEO GAIN OF a2
The design of the LM6310 has been optimized for gain of
a
2 video applications The differential gain and phase per-
formance of the LM6310 can be improved by addinga1kX
pull down to b5V to the output See
Figure 1
Typical values for differential gain and phase are 05% dif-
ferential gain and 01 degree differential phase
VIDEO MULTIPLEXING
Figure 2 shows a video multiplexer made from two LM6310
and a logic device which can supply TTL equivalent level to
the DISABLE pins of the LM6310s Only one DISABLE line
should be high at any one time
Note that since a floating value on the DISABLE input is the
same as a high input if all of the logic device’s output go to
a TRI-STATE or high impedance mode all the LM6310’s
will turn on This should be avoided
Use adequate decoupling on the logic device to reduce
noise feedthrough of digital system and power noise to the
video signals If it is not possible to adequately decouple the
logic device consider using a small digital buffer such as a
hex schmidt trigger inverter which can be decoupled with
multiple capacitors andor ferrite beads to reduce digital
noise
Figure 3 shows a four input video multiplexer With careful
layout differential gain and phase performance almost as
good as a single LM6310 can be achieved
A single 1 kX pull down to b5V should be used Differential
gain of about 005% and differential phase of about 03 de-
gree are possible with the 41 multiplexer
OTHER AMPLIFIERS WITH OUTPUT
DISABLE FUNCTIONS
The LMC6681 LMC6682 and LMC6684 are 1 MHz amplifi-
ers with TRI-STATE outputs which can be used for audio
and low frequency multiplexing like the LM6310 is used for
video multiplexing
OTHER HIGH SPEED AND VIDEO AMPLIFIERS
National Semiconductor has an extensive line of high speed
amplifiers with a range of operating voltage from 3V single
supply to g15 and a range of package types such as the
space saving SOT23-5 TinyPaKTM (305 mm x 300 mm x
143 mmabout the size of a grain of rice) and the wide
S0-8 for better power dissipation
This op amp line includes
LM6171
100 MHz Low Distortion Amplifier with l
3000 V ms slew rate Voltage Feedback design
draws only 25 mA Specified at g15V and g5V
supplies
LM7131
TinyPaK (SOT23-5) Video amplifier with 70 MHz
gain bandwidth Specified at 3V 5V and g5V
supplies
LM7171
200 MHz Voltage Feedback amplifier with
100 mA output current and 4000 V ms slew rate
Supply current of 65 mA Specified at g15V and
g
5V
Information on these parts is available from your National
Semiconductor representative
SPICE MACROMODEL
A SPICE macromodel of the LM6310 and many other Na-
tional Semiconductor op amps is available at no charge
from your National Semiconductor representative
AV ea2
TLH12545 – 29
FIGURE 1 Improving Video Differential Gain and Phase with 1 kX pull down to b5V
http
www nationalcom
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com