Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36LLR8760D Datasheet(PDF) 1 Page - STMicroelectronics

Part # M36LLR8760D
Description  256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760D Datasheet(HTML) 1 Page - STMicroelectronics

  M36LLR8760D Datasheet HTML 1Page - STMicroelectronics M36LLR8760D Datasheet HTML 2Page - STMicroelectronics M36LLR8760D Datasheet HTML 3Page - STMicroelectronics M36LLR8760D Datasheet HTML 4Page - STMicroelectronics M36LLR8760D Datasheet HTML 5Page - STMicroelectronics M36LLR8760D Datasheet HTML 6Page - STMicroelectronics M36LLR8760D Datasheet HTML 7Page - STMicroelectronics M36LLR8760D Datasheet HTML 8Page - STMicroelectronics M36LLR8760D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
TARGET SPECIFICATION
July 2005
This is preliminary information on a new product forseen to be developed. Details are subject to change without notice.
M36LLR8760T1, M36LLR8760D1
M36LLR8760M1, M36LLR8760B1
256 + 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory
64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
FEATURES SUMMARY
■
MULTI-CHIP PACKAGE
–
1 die of 256 Mbit (16Mb x16, Multiple
Bank, Multi-level, Burst) Flash Memory
–
1 die of 128 Mbit (8Mb x16, Multiple Bank,
Multi-Level, Burst) Flash Memory
–
1 die of 64 Mbit (4Mb x16) Pseudo SRAM
■
SUPPLY VOLTAGE
–VDDF1 = VDDF2 = VCCP = VDDQF = 1.7 to
1.95V
–VPPF = 9V for fast program (12V tolerant)
■
ELECTRONIC SIGNATURE
–
Manufacturer Code: 20h
–
Top Configuration (Top + Top)
M36LLR8760T1: 880Dh + 88C4h
–
Mixed Configuration (Bottom + Top)
M36LLR8760D1: 880Eh + 88C4h
–
Mixed Configuration (Top + Bottom)
M36LLR8760M1: 880Dh + 88C5h
–
Bottom Configuration (Bottom + Bottom)
M36LLR8760B1: 880Eh + 88C5h
■
PACKAGE
–
Compliant with Lead-Free Soldering
Processes
–
Lead-Free Versions
FLASH MEMORIES
■
SYNCHRONOUS / ASYNCHRONOUS READ
–
Synchronous Burst Read mode: 54MHz
–
Asynchronous Page Read mode
–
Random Access: 85ns
■
SYNCHRONOUS BURST READ SUSPEND
■
PROGRAMMING TIME
–
10µs typical Word program time using
Buffer Enhanced Factory Program
command
■
MEMORY ORGANIZATION
–
Multiple Bank Memory Array:
16 Mbit Banks for the 256 Mbit Memory
8 Mbit Banks for the 128 Mbit Memory
–
Parameter Blocks (at Top or Bottom)
Figure 1. Package
■
COMMON FLASH INTERFACE (CFI)
■
100,000 PROGRAM/ERASE CYCLES per
BLOCK
■
DUAL OPERATIONS
–
program/erase in one Bank while read in
others
–
No delay between read and write
operations
■
SECURITY
–
64 bit unique device number
–
2112 bit user programmable OTP Cells
■
BLOCK LOCKING
–
All blocks locked at power-up
–
Any combination of blocks can be locked
with zero latency
–WPF for Block Lock-Down
–
Absolute Write Protection with VPPF = VSS
PSRAM
■
ACCESS TIME: 70ns
■
ASYNCHRONOUS PAGE READ
–
Page Size: 16 words
–
Subsequent read within page: 20ns
■
LOW POWER FEATURES
–
Temperature Compensated Refresh
(TCR)
–
Partial Array Refresh (PAR)
–
Deep Power-Down (DPD) Mode
■
SYNCHRONOUS BURST READ/WRITE
LFBGA88 (ZAQ)
8 x 10mm
FBGA


Similar Part No. - M36LLR8760D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36LLR8760 STMICROELECTRONICS-M36LLR8760 Datasheet
406Kb / 18P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
04-Dec-2004
More results

Similar Description - M36LLR8760D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
04-Dec-2004
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
09-Dec-2004
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
28-Nov-2005
M36L0R8060T1 STMICROELECTRONICS-M36L0R8060T1 Datasheet
390Kb / 18P
256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
24-Jun-2005
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
20-Jul-2006
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
13-Jul-2006
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
06-Dec-2004
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9060N0 NUMONYX-M36P0R9060N0 Datasheet
454Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Mux I/O, Multi-Chip Package
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com