Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36LLR8760D Datasheet(PDF) 5 Page - STMicroelectronics

Part # M36LLR8760D
Description  256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR8760D Datasheet(HTML) 5 Page - STMicroelectronics

  M36LLR8760D Datasheet HTML 1Page - STMicroelectronics M36LLR8760D Datasheet HTML 2Page - STMicroelectronics M36LLR8760D Datasheet HTML 3Page - STMicroelectronics M36LLR8760D Datasheet HTML 4Page - STMicroelectronics M36LLR8760D Datasheet HTML 5Page - STMicroelectronics M36LLR8760D Datasheet HTML 6Page - STMicroelectronics M36LLR8760D Datasheet HTML 7Page - STMicroelectronics M36LLR8760D Datasheet HTML 8Page - STMicroelectronics M36LLR8760D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/19
M36LLR8760T1, M36LLR8760D1, M36LLR8760M1, M36LLR8760B1
Figure 2. Logic Diagram
Table 1. Signal Names
Note: 1. A22 is an Address Input for the two Flash memories only.
A23 is for the 256Mb Flash memory component only.
AI10908b
24
A0-A23
DQ0-DQ15
M36LLR8760T1
M36LLR8760D1
M36LLR8760M1
M36LLR8760B1
GF1
16
WF
RPF
WPF
EP
GP
WP
UBP
LBP
VSS
VPPF
VCCP
WAIT
L
K
VDDQF
EF1
CRP
VDDF2
VDDF1
GF2
EF2
A0-A23(1)
Address Inputs
DQ0-DQ15 Common Data Input/Output
L
Common Flash and PSRAM Latch
Enable Input
K
Common Flash and PSRAM Burst Clock
WAIT
Wait Data in Burst Mode for both Flash
memories and PSRAM
VDDF1
Flash 1 Power Supply
VDDF2
Flash 2 Power Supply
VDDQF
Common Flash Supply for I/O Buffers
VPPF
Common Flash Optional Supply Voltage
for Fast Program & Erase
VSS
Common, Ground
VCCP
PSRAM Power Supply
NC
Not Connected Internally
DU
Do Not Use as Internally Connected
Flash Memory Signals
EF1
Flash 1 Chip Enable Input
GF1
Flash 1 Output Enable Input
EF2
Flash 2 Chip Enable Input
GF2
Flash 2 Output Enable Input
WF
Common Flash Memory Write Enable
Input
RPF
Common Flash Memory Reset input
WPF
Common Flash Memory Write Protect
Input
PSRAM Signals
EP
Chip Enable Input
GP
Output Enable Input
WP
Write Enable Input
CRP
Configuration Register Enable Input
UBP
Upper Byte Enable Input
LBP
Lower Byte Enable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com