Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXCS9000 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXCS9000
Description  Optically-pumped Cesium Atomic Clock
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXCS9000 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXCS9000 Datasheet HTML 1Page - Advanced XTAL Products AXCS9000 Datasheet HTML 2Page - Advanced XTAL Products AXCS9000 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AXCS9000 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Parameter
min.
typ.
max. Unit
Condition
Nominal output frequency RF1
5.000
MHz
Nominal output frequency RF2
10.000
MHz
Frequency stability
Frequency accuracy
1·10-12
Short- and long-term stability
1.2·10-11
8.5·10-12
2.7·10-12
8.5·10-13
2.7·10-13
8.5·10-14
5.0·10-14
@ τ = 1 sec
@ τ = 10 sec
@ τ = 100 sec
@ τ = 1,000 sec
@ τ = 10,000 sec
@ τ = 100,000 sec
@ Floor
Frequency reproducibility
5·10-13
Manual synchronisation
Synchronisation range
±1·10-9
Resolution
1·10-15
External synchronisation input
1PPS TTL
1 PPS output
Rising time
10
ns
Jitter
1
ns
Accuracy
20
ns
RF output RF1 & RF2
Number of output ports
2
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+7
+10
+13
dBm
Harmonics
-40
dBc
Spurious
-80
dBc
Phase noise @ 10 MHz
-100
-130
-145
-150
-154
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 1 Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
Warm-up time
40
120
Min
Min
@ +25°C
@ -10°C
DC Supply voltage VS
22
75
V
AC Supply voltage VS
220
V
AC Supply input frequency
50
Hz
Power consumption (steady state)
110
W
Power consumption (warm-up)
190
W
Operating temperature range
-10
+40
°C
Storage temperature range
-20
+50
°C
Enclosure (see drawing) (WxDxH)
456x553x177
mm
19” rack 4 HU
Environmental conditions
Consult factory
Weight
40
kg
MTBF
100,000
hrs
Service life
8
years
Please consult factory for detailed information, operating manual
or special technical requirements



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com