Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXCS9000 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXCS9000
Description  Optically-pumped Cesium Atomic Clock
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXCS9000 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXCS9000 Datasheet HTML 1Page - Advanced XTAL Products AXCS9000 Datasheet HTML 2Page - Advanced XTAL Products AXCS9000 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXCS9000 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXCS9000
Rev.: 2
Date: 2018-11-27
Oscillator type:
Optically-pumped Cesium Atomic Clock
Features:
Ultra-High Stability Primary Reference Clock (PRC)
Standard for Time Synchronisation, Calibration and Test Labs
Full monitoring and control features with modern user interface
Long service life – Continuous operating time >8 years
Compatible with popular Cesium Clocks
Applications: 4G/5G networks, DTV, DAB, CMDA and Tetra, IPTV etc.
Equivalent to ELECSPN TA1000
Ordering Code
Model
Revision
Frequency [MHz]
AXCS9000
Rev.2
10.000


Similar Part No. - AXCS9000

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXCS9100 AXTAL-AXCS9100 Datasheet
148Kb / 3P
Optically-pumped Cesium Atomic Clock Customized Version for Telecom Industry
2018-12-10
More results

Similar Description - AXCS9000

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RB-2110CB EPSONTOYOCOM-RB-2110CB Datasheet
478Kb / 2P
RUBIDIUM ATOMIC OSCILLATOR
RB-3310N EPSONTOYOCOM-RB-3310N Datasheet
496Kb / 2P
RUBIDIUM ATOMIC OSCILLATOR
logo
Roithner LaserTechnik G...
MIRO39A6 ROITHNER-MIRO39A6 Datasheet
212Kb / 2P
Optically pumped IR light emitting diodes
logo
Mallory performance clu...
PN2922 MALLORY-PN2922 Datasheet
1Mb / 8P
Atomic EFI Return System
PN2933 MALLORY-PN2933 Datasheet
2Mb / 4P
Atomic MAP Sensor
PN2945 MALLORY-PN2945 Datasheet
95Kb / 2P
Atomic LS Throttle Body
PN2960 MALLORY-PN2960 Datasheet
7Mb / 24P
Atomic LS7 EFI Master Kit
logo
Roithner LaserTechnik G...
MIRO39 ROITHNER-MIRO39 Datasheet
258Kb / 5P
Optically pumped light emitting diodes
logo
Advanced XTAL Products
AXCPT1040 AXTAL-AXCPT1040 Datasheet
178Kb / 3P
Smallest Miniature Atomic Clock in 45 x 36 mm Package
2018-11-27
AXCS9100 AXTAL-AXCS9100 Datasheet
148Kb / 3P
Optically-pumped Cesium Atomic Clock Customized Version for Telecom Industry
2018-12-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com