Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663268 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1663268
Description  CK4,0-ED-6,00ST AG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1663268 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1663268 Datasheet HTML 1Page - PHOENIX CONTACT 1663268 Datasheet HTML 2Page - PHOENIX CONTACT 1663268 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Feb 2, 2011
Extract from the online
catalog
 
CK4,0-ED-6,00ST AG
Order No.: 1663268
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1663268
 
 
Turned 4.0 crimp contact, individual male contact, core diameter 6.00
mm², silver-plated
 
Commercial data
GTIN (EAN)
4
017918
123079
sales group
D090
Pack
25 pcs.
Customs tariff
74152900
Catalog page information
Page 529 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
12/01/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Electrical characteristics
Note
For HC-M-3 modules
Ambient temperature (operation)
-40 °C ... 125 °C
Mechanical characteristics
Conductor cross-section
6 mm²


Similar Part No. - 1663268

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1663205 TURCK-1663205 Datasheet
226Kb / 2P
Inductive Sensor – With Extended Switching Distance
11/07/2023
logo
PHOENIX CONTACT
1663213 PHOENIX-1663213 Datasheet
123Kb / 3P
HC-M-03-MOD-ST
logo
Turck, Inc.
1663220 TURCK-1663220 Datasheet
255Kb / 2P
Inductive Sensor – With Extended Switching Distance
11/07/2023
logo
PHOENIX CONTACT
1663226 PHOENIX-1663226 Datasheet
114Kb / 3P
HC-M-03-MOD-BU
1663239 PHOENIX-1663239 Datasheet
60Kb / 2P
Crimp contact - CK4,0-ED-1,50ST AG
More results

Similar Description - 1663268

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1586183 PHOENIX-1586183 Datasheet
57Kb / 2P
Crimp contact - CK4,0-ED-10,00BU AG
1586198 PHOENIX-1586198 Datasheet
58Kb / 2P
Crimp contact - CK4,0-ED-10,00ST AG
1663239 PHOENIX-1663239 Datasheet
60Kb / 2P
Crimp contact - CK4,0-ED-1,50ST AG
1663242 PHOENIX-1663242 Datasheet
60Kb / 2P
Crimp contact - CK4,0-ED-2,50ST AG
1663255 PHOENIX-1663255 Datasheet
53Kb / 3P
Crimp contact - CK4,0-ED-4,00ST AG
1663271 PHOENIX-1663271 Datasheet
52Kb / 2P
Crimp contact - CK4,0-ED-1,50BU AG
1663284 PHOENIX-1663284 Datasheet
113Kb / 4P
CK4,0-ED-2,50BU AG
1663297 PHOENIX-1663297 Datasheet
99Kb / 4P
CK4,0-ED-4,00BU AG
1663307 PHOENIX-1663307 Datasheet
99Kb / 4P
CK4,0-ED-6,00BU AG
1663417 PHOENIX-1663417 Datasheet
100Kb / 4P
CK1,6-ED-0,75BU AG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com