Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663268 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1663268
Description  CK4,0-ED-6,00ST AG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1663268 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1663268 Datasheet HTML 1Page - PHOENIX CONTACT 1663268 Datasheet HTML 2Page - PHOENIX CONTACT 1663268 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CK4,0-ED-6,00ST AG Order No.: 1663268
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1663268
PHOENIX CONTACT Deutschland GmbH
Page 2 / 3
http://www.phoenixcontact.de
Feb 2, 2011
Connection cross-section AWG
10
Stripping length of the individual wire
9.6 mm
Insertion/withdrawal cycles
≥ 500
General characteristics
Type
Individual male contact
Material data
Contact material
Copper alloy
Contact surface material
hard-silver plated
Certificates / Approvals
Certification
GOST, UL
Accessories
Item
Designation
Description
Tools
1662735
CK4,0-EWZ
Contact removal tool, for rotated CK-4,0-... contacts
1205846
CRIMPFOX-4,0-ED-2,50
Crimping pliers, for CK 4.0... contacts, for conductor cross
sections 1.5 - 2.5 mm²
1205859
CRIMPFOX-4,0-ED-6,00
Crimping pliers, for CK 4.0... contacts, for conductor cross
sections 3.0 - 6.0 mm²
Diagrams/Drawings
Dimensioned drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com