Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2301 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PAM2301
Description  STEP-DOWN DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2301 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PAM2301 Datasheet HTML 5Page - Diodes Incorporated PAM2301 Datasheet HTML 6Page - Diodes Incorporated PAM2301 Datasheet HTML 7Page - Diodes Incorporated PAM2301 Datasheet HTML 8Page - Diodes Incorporated PAM2301 Datasheet HTML 9Page - Diodes Incorporated PAM2301 Datasheet HTML 10Page - Diodes Incorporated PAM2301 Datasheet HTML 11Page - Diodes Incorporated PAM2301 Datasheet HTML 12Page - Diodes Incorporated PAM2301 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PAM2301
Document number: DS36384 Rev. 3 - 2
12 of 13
www.diodes.com
February 2018
© Diodes Incorporated
PAM2301
Package Outline Dimensions (All dimensions in mm.)
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSOT25
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSOT25
Dimensions
Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199
D
E1
E1/2
e1
E
E/2
e
A
A2
A1
Seating Plane
0
L2
L
Gauge Plane
01(4x)
01(4x)
c
b
Seating Plane
Y1
C
X
Y
TSOT25
Dim
Min
Max
Typ
A
-
1.00
-
A1
0.01
0.10
-
A2
0.84
0.90
-
b
0.30
0.45
-
c
0.12
0.20
-
D
-
-
2.90
E
-
-
2.80
E1
-
-
1.60
e
0.95 BSC
e1
1.90 BSC
L
0.30
0.50
-
L2
0.25 BSC
θ
0°
8°
4°
θ1
4°
12°
-
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com