Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2301 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM2301
Description  STEP-DOWN DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2301 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM2301 Datasheet HTML 1Page - Diodes Incorporated PAM2301 Datasheet HTML 2Page - Diodes Incorporated PAM2301 Datasheet HTML 3Page - Diodes Incorporated PAM2301 Datasheet HTML 4Page - Diodes Incorporated PAM2301 Datasheet HTML 5Page - Diodes Incorporated PAM2301 Datasheet HTML 6Page - Diodes Incorporated PAM2301 Datasheet HTML 7Page - Diodes Incorporated PAM2301 Datasheet HTML 8Page - Diodes Incorporated PAM2301 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PAM2301
Document number: DS36384 Rev. 3 - 2
3 of 13
www.diodes.com
February 2018
© Diodes Incorporated
PAM2301
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may affect device reliability.
All voltages are with respect to ground.
Parameter
Rating
Unit
Input Voltage
-0.3 to +6.0
V
EN, FB Pin Voltage
-0.3 to VIN
V
SW Pin Voltage
-0.3 to (VIN + 0.3)
V
Junction Temperature
+150
°C
Storage Temperature Range
-65 to +150
°C
Soldering Temperature
+300, 5s
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage
2.5 to 5.5
V
Operation Temperature Range
-40 to +85
°C
Juntion Temperature Range
-40 to +125
Thermal Information
Parameter
Symbol
Max
Unit
Thermal Resistance (Junction to Case)
θJC
130
°C/W
Thermal Resistance (Junction to Ambient)
θJC
250
Internal Power Dissipation
PD
400
mW
Electrical Characteristics (@TA = +25°C, VIN = 3.6V, VO = 1.8V, CIN = 10µF, L = 4.7µH unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
-
2.5
-
5.5
V
Regulated Feedback Voltage
VFB
-
0.588
0.600
0.612
V
Reference Voltage Line Regulation
ΔVFB
-
-
0.3
-
%/V
Regulated Output Voltage Accuracy
VO
IO = 100mA
-3
-
+3
%
Peak Inductor Current
IPK
VIN = 3V,VFB = 0.5V or VO = 90%
-
1.2
-
A
Output Voltage Line Regulation
LNR
VIN = 2.5V to 5V, IO = 10mA
-
0.2
0.5
%/V
Output Voltage Load Regulation
LDR
IO = 1mA to 800mA
-
0.5
1.5
%
Quiescent Current
IQ
No Load
-
40
70
µA
Shutdown Current
ISD
VEN = 0V
-
0.1
1.0
µA
Oscillator Frequency
fOSC
VO = 100%
1.2
1.5
1.8
MHz
VFB = 0V or VO = 0V
-
500
-
kHz
Drain-Source On-State Resistance
RDS(ON)
IDS = 100mA
P MOSFET
-
0.30
0.45
Ω
N MOSFET
-
0.35
0.50
Ω
SW Leakage Current
ILSW
-
-
±0.01
1
µA
High Efficiency
η
-
-
96
-
%
EN Threshold High
VEH
-
1.5
-
-
V
EN Threshold Low
VEL
-
-
-
0.3
V
EN Leakage Current
IEN
-
-
±0.01
-
µA
Over Temperature Protection
OTP
-
-
+150
-
°C
OTP Hysteresis
OTH
-
-
+30
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com