Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663608 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1663608
Description  CK2,5-ED-1,50ST AG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1663608 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1663608 Datasheet HTML 1Page - PHOENIX CONTACT 1663608 Datasheet HTML 2Page - PHOENIX CONTACT 1663608 Datasheet HTML 3Page - PHOENIX CONTACT 1663608 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Feb 2, 2011
Extract from the online
catalog
 
CK2,5-ED-1,50ST AG
Order No.: 1663608
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1663608
 
 
Turned 2.5 crimp contact, individual male contact, core diameter 1.5
mm², silver-plated
 
Commercial data
GTIN (EAN)
4
017918
123413
sales group
D090
Pack
100 pcs.
Customs tariff
74152900
Catalog page information
Page 528 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
12/01/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Electrical characteristics
Note
for HC-M-06, HC-M-HV, HC-M-08, HC-M-20, HC-A, HC-BB, HC-
B and HC-HV contact carriers, the quality of a crimp connection is
determined by the DIN EN 60 352-2
Volume resistance
≤ 0.003 Ω
Ambient temperature (operation)
-40 °C ... 125 °C


Similar Part No. - 1663608

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1663611 PHOENIX-1663611 Datasheet
100Kb / 4P
CK2,5-ED-2,50ST AG
1663624 PHOENIX-1663624 Datasheet
48Kb / 3P
Crimp contact - CK2,5-ED-3,00ST AG
1663637 PHOENIX-1663637 Datasheet
100Kb / 4P
CK2,5-ED-4,00ST AG
logo
Eaton All Rights Reserv...
166364 EATON-166364 Datasheet
1Mb / 36P
Surge Protection
logo
PHOENIX CONTACT
1663640 PHOENIX-1663640 Datasheet
62Kb / 3P
Crimp contact - CK2,5-ED-0,50BU AG
More results

Similar Description - 1663608

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1663378 PHOENIX-1663378 Datasheet
98Kb / 4P
CK1,6-ED-1,50ST AG
1663572 PHOENIX-1663572 Datasheet
99Kb / 4P
CK2,5-ED-0,50ST AG
1663598 PHOENIX-1663598 Datasheet
100Kb / 4P
CK2,5-ED-1,00ST AG
1663637 PHOENIX-1663637 Datasheet
100Kb / 4P
CK2,5-ED-4,00ST AG
1663653 PHOENIX-1663653 Datasheet
104Kb / 4P
CK2,5-ED-0,75BU AG
1663666 PHOENIX-1663666 Datasheet
104Kb / 4P
CK2,5-ED-1,00BU AG
1663679 PHOENIX-1663679 Datasheet
103Kb / 4P
CK2,5-ED-1,50BU AG
1663705 PHOENIX-1663705 Datasheet
104Kb / 4P
CK2,5-ED-4,00BU AG
1663860 PHOENIX-1663860 Datasheet
54Kb / 3P
Crimp contact - CK2,5-ED-1,50ST-S AG
1674778 PHOENIX-1674778 Datasheet
52Kb / 3P
Crimp contact - CK2,5-ED-1,50ST AU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com