Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663608 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1663608
Description  CK2,5-ED-1,50ST AG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1663608 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1663608 Datasheet HTML 1Page - PHOENIX CONTACT 1663608 Datasheet HTML 2Page - PHOENIX CONTACT 1663608 Datasheet HTML 3Page - PHOENIX CONTACT 1663608 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CK2,5-ED-1,50ST AG Order No.: 1663608
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1663608
PHOENIX CONTACT Deutschland GmbH
Page 2 / 4
http://www.phoenixcontact.de
Feb 2, 2011
Mechanical characteristics
Conductor cross-section
1.5 mm²
Connection cross-section AWG
16
Stripping length of the individual wire
7.5 mm (9.5 mm at HC-M-HV...)
Insertion/withdrawal cycles
≥ 500
General characteristics
Type
Individual male contact
Connection method
Crimp connection
Connection
for HC-M-06, HC-M-HV, HC-M-08, HC-M-20, HC-A, HC-BB, HC-
B and HC-HV contact carriers. The quality of a crimp connection
is determined by the DIN EN 60 352-2.
Material data
Contact material
Copper alloy
Contact surface material
hard-silver plated
Certificates / Approvals
Certification
GOST, UL
Accessories
Item
Designation
Description
Tools
1676734
CK1,6/2,5-MWZ
Assembly tool, for CK 1.6... crimp contacts for small conductor
cross sections
1662722
CK2,5-EWZ
Contact removal tool, for turned and rolled CK- 2.5-... contacts
1687419
CRIMPFOX-1,6/2,5-ED-4,0
Crimping pliers, for turned contacts, CK 1.6 ED... and CK 2.5 ED...



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com