Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE145HF Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE145HF
Description  High Frequency SMD (VC)TCXO in 9x14 mm Package High Stability, Ultra-Low Jitter and Low-G Sensitivity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE145HF Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE145HF Datasheet HTML 1Page - Advanced XTAL Products AXLE145HF Datasheet HTML 2Page - Advanced XTAL Products AXLE145HF Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXLE145HF Rev.1
ww.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE145HF
Rev.: 1
Date: 2018-11-07
Oscillator type:
High Frequency SMD (VC)TCXO in 9x14 mm Package
High Stability, Ultra-Low Jitter and Low-G Sensitivity
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
60
150
MHz
Nominal frequencies
100.000 / 125.000
MHz
Frequency stability
Initial tolerance @ +25°C
±0.5
ppm
@ VC = 1.5V
vs. operating temperature range
±0.5
ppm
(Note 2)
vs. supply voltage variation
±0.05
ppm
VS ±5 %
vs. load change
±0.05
ppm
Load ±10 %
Long term (aging) 1st year
±1
ppm
@ +40°C
Long term (aging) 10 years
±4
ppm
@ +40°C
Frequency adjustment range
Electronic Frequency Control (EFC)
±5
ppm
Option 1 = “V”
EFC voltage VC
0.5
1.5
2.5
V
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine Wave
(LV)HCMOS
Option 2 = “S”
Option 2 = “H”
Load
50 Ω
15 pF
Option 2 = “S”
Option 2 = “H”
Output level
+3
+6
dBm
Option 2 = “S”
Harmonics
-40
-30
dBc
Duty cycle
45
55
%
Option 2 = “H”
Rise/fall time
5
ns
Sub-Harmonics
-80
-60
dBc
Spurious
-80
dBc
Phase noise @ 100 MHz (Note 3)
-75
-105
-130
-160
-180
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
@ ≥100 kHz
RMS Phase Jitter
10
fs
12 kHz ~ 20 MHz
G-Sensitivity
See table 1
Option 3
Supply voltage VS
3.15
3.3
3.45
V
5 V version available
Current consumption
25
40
mA
Operating temperature range
-40
+85
°C
(Note 2)
Enclosure (see drawing) (LxWxH)
14.4x9.5x6.5 max.
mm
IEC 61837 CO 27
Weight
5
g
Packing
Tape & Reel
IEC 60286-3
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other stability and temperature range on request
3.
For phase noise of other frequencies please consult factory


Similar Part No. - AXLE145HF

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE145 AXTAL-AXLE145 Datasheet
147Kb / 4P
SMD (VC)TCXO in CO 26 or CO27 package
More results

Similar Description - AXLE145HF

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5006CE EPSON-TG-5006CE Datasheet
393Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
Seiko Instruments Inc
TG1612SAN SII-TG1612SAN Datasheet
555Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG2016SBN SII-TG2016SBN Datasheet
648Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
TG2520SBN SII-TG2520SBN Datasheet
648Kb / 2P
TCXO/VC-TCXO HIGH STABILITY
logo
Advanced XTAL Products
AXLE113A AXTAL-AXLE113A Datasheet
106Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm package
2014-04-06
AXLE195A AXTAL-AXLE195A Datasheet
114Kb / 3P
SMD (VC)TCXO in 19.8x12.5 mm package
2014-09-12
AXLE7050A AXTAL-AXLE7050A Datasheet
201Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE7050B AXTAL-AXLE7050B Datasheet
158Kb / 4P
High Stability SMD (VC)TCXO in 7x5 mm package
AXLE195B AXTAL-AXLE195B Datasheet
188Kb / 4P
SMD (VC)TCXO in 18.8x12.2 mm low profile package
logo
Epson Company
TG5032CCN EPSON-TG5032CCN Datasheet
680Kb / 2P
TCXO / VC-TCXO ULTRA HIGH STABILITY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com