Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLE145HF Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXLE145HF
Description  High Frequency SMD (VC)TCXO in 9x14 mm Package High Stability, Ultra-Low Jitter and Low-G Sensitivity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE145HF Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXLE145HF Datasheet HTML 1Page - Advanced XTAL Products AXLE145HF Datasheet HTML 2Page - Advanced XTAL Products AXLE145HF Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AXLE145HF Rev.1
ww.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
6
V
VC to GND
Storage Temperature
-55
+125
°C
G-Sensitivity
Option 3
G-Sensitivity
worst axis
Unit
A
0.8
ppb/g
B
0.5
ppb/g
C
0.4
ppb/g
D
0.3
ppb/g
E
0.2
ppb/g
Table 1
Ordering Code
Model
Option 1
[EFC]
Option 2
[RF output]
Option 3
[G-Sensitivity]
Revision
Frequency [MHz]
AXLE145HF
_ or “V”
“S” or “H”
Table 1
Rev.1
100.000
Example: AXLE145HF-V-S-B_Rev.1 – 100.000 MHz
Enclosure drawing
Pin connections
Pin #
Symbol
Function
1
VC
Control Voltage (EFC)
2
N.C.
No Connection
3
GND
Ground
4
RF OUT
RF Output
5
N.C.
No Connection
6
Vs
Supply Voltage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com