Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTRS485L-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTRS485L-S08-R
Description  TRANSCEIVERS WITH ESD-PROTECTED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTRS485L-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTRS485L-S08-R Datasheet HTML 1Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 2Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 3Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 4Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 5Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 6Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 7Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UTRS485
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R113-011.G
MARKING
PIN CONFIGURATION
1
2
3
4
8
7
6
5
RO
RE
DE
DI
VCC
B
A
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
RO
Receiver output: if A>B by 200mV, RO will be high; if A<B by 200mV, RO will be low.
2
RE
Receiver output enable. RO is enable when RE is low; RO is high impedance when
RE
is high.
3
DE
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high. They
are high impedance when DE is low. If the driver outputs are enabled, the parts function
as line drivers. While they are high impedance, they function as line receivers if RE is
low.
4
DI
Driver Input. A low on DI forces output Y low and output Z high. Similarly, a high on DI
forces output Y high and output Z low.
5
GND
Ground
6
A
Non-inverting receiver input and non-inverting driver output
7
B
Inverting receiver input and inverting driver output
8
VCC
Positive supply; 4.75V≤VCC≤5.25V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com