Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTRS485L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTRS485L-S08-R
Description  TRANSCEIVERS WITH ESD-PROTECTED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTRS485L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UTRS485L-S08-R Datasheet HTML 1Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 2Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 3Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 4Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 5Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 6Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 7Page - Unisonic Technologies UTRS485L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UTRS485
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R113-011.G
SWITCHING CHARACTERISTICS
(VCC=+5.0V ±5%, TA=TMIN to TMAX, unless otherwise noted.) (Note 1, 2)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
tDPLH
50
200
ns
Driver Input to Output
tDPHL
Fig.3 and 5, RDIFF=54Ω, CL1=CL2=100pF
50
200
ns
Driver Output Skew to Output
tDSKEW Fig.3 and 5, RDIFF=54Ω, CL1=CL2=100pF
10
ns
Driver Rise or Fall Time
tDR, tDF Fig.3 and 5, RDIFF=54Ω, CL1=CL2=100pF
15
150
ns
Driver Enable to Output High
tDZH
Fig.4 and 6, CL=100pF, S2 Closed
80
200
ns
Driver Enable to Output Low
tDZL
Fig.4 and 6, CL=100pF, S1 Closed
80
200
ns
Driver Disable Time from Low
tDLZ
Fig.4 and 6, CL=15pF, S1 Closed
80
200
ns
Driver Disable Time from High
tDHZ
Fig.4 and 6, CL=15pF, S2 Closed
80
200
ns
Receiver Input to Output
tRPLH,
tRPHL
Fig.3 and 7, RDIFF=54Ω, CL1=CL2=100pF
500
ns
|tPLH - tPHL| Differential
Receiver Skew
tRSKD
Fig.3 and 7, RDIFF=54Ω, CL1=CL2=100pF
100
ns
Receiver Enable to Output Low
tRZL
Fig.2 and 8, CRL=15pF, S1 Closed
30
200
ns
Receiver Enable to Output High
tRZH
Fig.2 and 8, CRL=15pF, S2 Closed
30
200
ns
Receiver Disable Time from Low
tRLZ
Fig.2 and 8, CRL=15pF, S1 Closed
30
200
ns
Receiver Disable Time from
High
tRHZ
Fig.2 and 8, CRL=15pF, S2 Closed
30
200
ns
Maximum Data Rate
fMAX
500
kbps
Notes: 1. All currents into the device are positive; all currents out of the device are negative. All voltages are
referenced to device ground unless otherwise specified.
2. All typical specifications are given for VCC=5.0V and TA=+25°C
3. Supply current specification is valid for loaded transmitters when DE=0V
4. Applies to peak current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com