Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTRS3082G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTRS3082G-S08-R
Description  TRANSCEIVERS WITH ESD-PROTECTED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTRS3082G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTRS3082G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 7Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UTRS3082
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R113-018.e
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply VCC
VCC
-0.3 ~ 7.0
V
Control Input Voltage
REB, DE
-0.3 ~ (VCC+0.3)
V
Receiver Input Voltage
A, B
±12.5
V
Receiver Output Voltage
RO
-0.3 ~ (VCC+0.3)
V
Transmitter Output Voltage
A, B
±12.5
V
Transmitter Input
DI
-0.3 ~ (VCC+0.3)
V
Operating Temperature
TOP
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DC ELECTRICAL CHARACTERISTICS
(VCC=5.0V ±5% with TAMB= TMIN to TMAX, unless otherwise noted. Typical values are at VCC=5.0V and TA=25°C.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSMITTER
Differential Transmitter Output
VOD1
No Load
5.0
V
Differential Transmitter Output
VOD2
Fig.1, RL=27Ω
1.5
V
Change in Magnitude of
Differential Output Voltage
∆VOD
Fig.1, RL=27Ω
0.2
V
Transmitter Common- Mode
Output Voltage
VOC
Fig.1, RL=27Ω
3.0
V
Change in Magnitude of
Common- Mode Voltage
∆VOC
Fig.1, RL=27Ω
0.2
V
Input High Voltage
VIH
DE, DI, REB
2.0
V
Input Low Voltage
VIL
DE, DI, REB
0.8
V
Input Current
IIN1
DI
±1.0
µA
Input Current
IIN2
DE, REB
±50
µA
DI Input Hysteresis
VHYS
100
mV
VIN=12V
125
µA
Input Current (A and B)
IIN3
DE=GND,
VCC=GND or 5.25V
VIN=-7V
-75
µA
-7V≤VOUT≤VCC
-250
mA
Transmitter Short-Circuit
Output Current
IOS
0V≤VOUT≤12V
250
mA
RECEIVER
Receiver Differential Threshold
Voltage
VTH
VCM=+2.5V
-200
-20
mV
Receiver Input Hysteresis
∆VTH
25
mV
Receiver Output High Voltage
VOH
IO=-4mA, VID=-20mV
VCC-1.5
V
Receiver Output Low Voltage
VOL
IO=4mA, VID=-200mV
0.5
V
Three- State Output Current at
Receiver
IOZR
0.4V≤VCM≤2.4V
±1.0
µA
Receiver Input Resistance
RIN
-7V≤VCM≤+12V
96
kΩ
Receiver Output Short-Circuit
Current
IOSR
Fig.6 , 0V≤VRO≤VCC
±7
±95
SUPPLY CURRENT
DE=VCC
420
900
µA
Supply Current
ICC
No Load,
REB=GND,
DI=VCC or GND.
DE=GND
320
600
µA
Supply Current in Shutdown
Mode
ISHDN
REB=VCC, DE=GND
1.0
10
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com