Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTRS3082G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTRS3082G-S08-R
Description  TRANSCEIVERS WITH ESD-PROTECTED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTRS3082G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTRS3082G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 7Page - Unisonic Technologies UTRS3082G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTRS3082
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R113-018.e
FAIL-SAFE, 115KBPS, RS-485 /
RS-422 TRANSCEIVERS WITH
±12KV ESD-PROTECTED
DESCRIPTION
The UTC UTRS3082 is a half-duplex transceiver designed for
RS-485 data bus network, which contains one transmitter and one
receiver. The UTC UTRS3082 features a fail-safe receiver, which
guarantees the receiver to output high when the receiver inputs are
open, short or idle.
The UTC UTRS3082 also features a hot-swap glitch free protection
circuits which guarantee outputs of both the transmitter and the
receiver in a high impedance state during the power up period. So that
the large short current from power to ground will be disable by glitch
free function, which will save the power and enhance the efficiency of
the power up.
The UTC UTRS3082 is optimized for signal rates up to 115Kbps
with differential voltage of 2.3V. The UTC UTRS3082 also has the
thermal shutdown function when the temperature is over 150°C and
the protection of the current limitation in the transmitter to protect the
itself from the damage by the system-fault conditions during normal
operation.
FEATURES
* Meet the requirements of the EIA/TIA-485 standards.
* 5.0V single power supply.
* 1µA low-current shutdown mode.
* HBM ±12kV ESD protection for Transmitter Output
* True fail-safe receiver while maintaining EIA/TIA-485 compatibility.
* Hot-swap glitch free protection on control inputs.
* Up to 256 transceivers on the bus.
* Maximum baud rate up to 115Kbps.
* Transmitter short circuit current limit.
* Thermal shutdown for overload protection.
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UTRS3082L-S08-R
UTRS3082G-S08-R
SOP-8
Tape Reel


Similar Part No. - UTRS3082G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTRS3082G-S08-R UTC-UTRS3082G-S08-R Datasheet
224Kb / 8P
CMOS IC
More results

Similar Description - UTRS3082G-S08-R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Unisonic Technologies
UTRS458 UTC-UTRS458 Datasheet
219Kb / 8P
TRANSCEIVERS WITH ESD-PROTECTED
UTRS485 UTC-UTRS485_17 Datasheet
263Kb / 8P
TRANSCEIVERS WITH ESD-PROTECTED
UTRS3080 UTC-UTRS3080 Datasheet
241Kb / 9P
TRANSCEIVERS WITH ESD-PROTECTED
UTRS3085 UTC-UTRS3085 Datasheet
262Kb / 7P
TRANSCEIVERS WITH ESD-PROTECTED
UTRS3088 UTC-UTRS3088_18 Datasheet
241Kb / 8P
TRANSCEIVERS WITH ESD-PROTECTED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com