Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTRS3085G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTRS3085G-S08-R
Description  TRANSCEIVERS WITH ESD-PROTECTED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTRS3085G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTRS3085G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTRS3085G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTRS3085G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTRS3085G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTRS3085G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTRS3085G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTRS3085G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UTRS3085
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R113-015.f
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
+7.0
V
Control Input Voltage ( RE , DE)
-0.3 ~ (VCC+0.3)
V
Driver Input Voltage
DI
-0.3 ~ (VCC+0.3)
V
Receiver Input Voltage (A, B)
±12.5
V
Receiver Output Voltage (RO)
-0.3 ~ (VCC+0.3)
V
DIP-8
550
mW
Continuous Power Dissipation
(Derate 5.88mW/°C above +70°C)
SOP-8
PD
471
mW
Operating Temperature Ranges
TOPR
-40 ~ +85
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are only stress ratings and it is not implied for functional device operation.
Absolute maximum ratings are the values beyond which the device will be damaged permanently.
DC ELECTRICAL CHARACTERISTICS
(VCC=+5.0V ±5%, TA=TMIN to TMAX, unless otherwise noted. Typical values are at VCC=+5.0V and TA=+25°C) (Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER
Differential Driver Output
(No Load)
VOD1
Fig.1
5.0
V
Fig.1, R=50Ω (RS-422)
1.8
V
Differential Driver Output
VOD2
Fig.1, R=27Ω (RS-485)
1.4
V
Change in Magnitude of
Differential Output Voltage
(Note 2)
∆VOD
Fig.1, R=50Ω or R=27Ω
0.2
V
Driver Common-Mode Output
Voltage
VOC
Fig.1, R=50Ω or R=27Ω
3.0
V
Change In Magnitude of
Common-Mode Voltage
(Note 2)
∆VOC
Fig.1, R=50Ω or R=27Ω
0.2
V
Input High Voltage
VIH1
DE, DI, RE
2.0
V
Input Low Voltage
VIL1
DE, DI, RE
0.8
V
DI Input Hysteresis
VHYS
100
mV
Input Current
IIN1
DE, DI, RE
±2.0
µA
VIN=12V
125
µA
Input Current (A and B)
IIN2
DE=GND,
VCC=GND or 5.25V
VIN=-7V
-75
µA
-7V≤VOUT≤VCC
-250
mA
0V≤VOUT≤12V
250
mA
Driver Short-Circuit Output
Current (Note 4)
VOD1
0V≤VOUT≤VCC
±25
mA
RECEIVER
Receiver Differential
Threshold Voltage
VTH
VCM=+2.5V
-200
-20
mV
Receiver Input Hysteresis
∆VTH
25
mV
Receiver Output High Voltage
VOH
IO=-4mA, VID=-20mV
VCC-1.5
V
Receiver Output Low Voltage
VOL
IO=4mA, VID=-200mV
0.4
V
Three-State Output Current at
Receiver
IOZR
0.4V≤VO≤2.4V
±1.0
µA
Receiver Input Resistance
RIN
-7V≤VCM≤+12V
96
kΩ
Receiver Output Short-Circuit
Current
IOSR
0V≤VRO≤VCC
±7
±95
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com