Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTRS3085G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTRS3085G-S08-R
Description  TRANSCEIVERS WITH ESD-PROTECTED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTRS3085G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTRS3085G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTRS3085G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTRS3085G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTRS3085G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTRS3085G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTRS3085G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTRS3085G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UTRS3085
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R113-015.f
DC ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
SUPPLY CURRENT
DE=VCC
430
900
µA
Supply Current
ICC
No Load,
RE =DI= VCC or GND
DE=GND
375
600
µA
Supply Current in Shutdown
Mode
ISHDN
DE=GND,
RE
V=VCC
1.0
10
µA
Notes: 1. All currents into the device are positive; all currents out of the device are negative. All voltages are referred
to device ground unless otherwise noted.
2. ∆VOD and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
3. Maximum current level applies to peak current just prior to foldback-current limiting; minimum current level
applies during current limiting.
SWITCHING CHARACTERISTICS
(VCC=+5.0V ±5%, TA=TMIN to TMAX, unless otherwise noted. Typical values are at VCC=+5.0V and TA=+25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDPLH
100
ns
Driver Input to Output
tDPHL
Fig.3 and 5, RDIFF=54Ω, CL1=CL2=100pF
100
ns
Driver Output Skew
| tDPLH - tDPHL |
tDSKEW
Fig.3 and 5, RDIFF=54Ω, CL1=CL2=100pF
5
200
ns
Driver Rise or Fall Time
tDR, tDF
Fig.3 and 5, RDIFF=54Ω, CL1=CL2=100pF
200
ns
Maximum Data Rate
fMAX
2.5
Mbps
Driver Enable to Output High
tDZH
Fig.4 and 6, CL=100pF, S2 Closed
3500
ns
Driver Enable to Output Low
tDZL
Fig.4 and 6, CL=100pF, S1 Closed
3500
ns
Driver Disable Time from Low
tDLZ
Fig.4 and 6, CL=15pF, S1 Closed
200
ns
Driver Disable Time from High
tDHZ
Fig.4 and 6, CL=15pF, S2 Closed
200
ns
Receiver Input to Output
tRPLH,
tRPHL
Fig.7 and 9, |VID|≥2.0V; Rise and Fall Time
of VID≤15ns
200
ns
|tRPLH - tRPHL| Differential
Receiver Skew
tRSKD
Fig.7 and 9, |VID|≥2.0V; Rise and Fall Time
of VID≤15ns
50
ns
Receiver Enable to Output
Low
tRZL
Fig.2 and 8, CL=100pF, S1 Closed
50
ns
Receiver Enable to Output
High
tRZH
Fig.2 and 8, CL=100pF, S2 Closed
50
ns
Receiver Disable Time from
Low
tRLZ
Fig.2 and 8, CL=100pF, S1 Closed
50
ns
Receiver Disable Time from
High
tRHZ
Fig.2 and 8, CL=100pF, S2 Closed
50
ns
Time to Shutdown
tSHDN
Note 1
200
ns
Driver Enable from Shutdown
to
Output High
tDZH(SHDN) Fig.4 and 6, CL=15pF, S2 Closed
4500
ns
Driver Enable from Shutdown
to
Output Low
tDZL(SHDN) Fig.4 and 6, CL=15pF, S1 Closed
4500
ns
Receiver Enable from
Shutdown
to Output High
tRZH(SHDN) Fig.2 and 8, CL=100pF, S2 Closed
3500
ns
Receiver Enable from
Shutdown
to Output Low
tRZL(SHDN) Fig.2 and 8, CL=100pF, S1 Closed
3500
ns
Note: The device is put into shutdown by bringing RE high and DE low. If the enable inputs are in this state for less
than 50ns, the device is guaranteed not to enter shutdown. If the enable inputs are in this state for at least
600ns, the device is guaranteed to have entered shutdown.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com