Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTRS3088G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTRS3088G-S08-R
Description  TRANSCEIVERS WITH ESD-PROTECTED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTRS3088G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTRS3088G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 7Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UTRS3088
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R113-012.D
MARKING
PIN CONFIGURATION
1
2
3
4
8
7
6
5
RO
REB
DE
DI
VCC
B
A
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
RO
Receiver Output: When REB is low and if (A-B) ≥ -50mV, RO is high; if (A-B) ≤ -200mV,
RO is low.
2
REB
Receiver Output Enable: REB is low to enable the Receiver; REB is high to disable the
Receiver.
3
DE
Transmitter Output Enable: DE is high to enable the transmitter; DE is low to disable the
transmitter.
4
DI
Transmitter Input: When DE is high, a low on DI forces A output low and B output high.
Similarly, a high on DI forces A output high and B output low.
5
GND
Ground pin. Must be connected to 0V.
6
A
Non-inverting Receiver Input and Non-inverting Transmitter Output
7
B
Inverting Receiver Input and Inverting Transmitter Output
8
VCC
Power Supply Input 5.0V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com