Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTRS3088G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTRS3088G-S08-R
Description  TRANSCEIVERS WITH ESD-PROTECTED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTRS3088G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UTRS3088G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 7Page - Unisonic Technologies UTRS3088G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UTRS3088
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R113-012.D
SWITCHING CHARACTERISTICS
(VCC=5.0V ±5% with TA= TMIN to TMAX, unless otherwise specified. Typical values are at VCC=5.0V and TAMB=25°C.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Transmitter Input to Output
tDPLH, tDPHL
Fig.2 and 7, RDIFF=54Ω,
CL1=CL2= 100pF
70
200
ns
Transmitter Output Skew
| tDPLH - tDPHL |
tDSKEW
Fig.2 and 7, RDIFF=54Ω,
CL1=CL2= 100pF
10
ns
Transmitter Rise or Fall Time
tDF, tDR
Fig.2 and 7, RDIFF=54Ω,
CL1=CL2= 100pF
40
150
ns
Maximum Data Rate
fMAX
1.0
Mbps
Transmitter Enable to Output
Low
tDZL
Fig.4 and 8, CDL=100pF, S1 Closed
150
ns
Transmitter Enable to Output
High
tDZH
Fig.4 and 8, CDL=100pF, S2 Closed
150
ns
Transmitter Disable Time
from Low
tDLZ
Fig.4 and 8, CDL=15pF, S1 Closed
150
ns
Transmitter Disable Time
from High
tDHZ
Fig.4 and 8, CDL=15pF, S2 Closed
150
ns
Receiver Input to Output
tRPLH, tRPHL
Fig.5 and 9 , |VID|≥2.0V; Rise and
Fall Time of VID≤15ns
900
1200
ns
| tRPLH – tRPHL | Different
Receiver Skew
tRSKD
Fig.5 and 9 , |VID|≥2.0V; Rise and
Fall Time of VID≤15ns
10
ns
Receiver Enable to Output
Low
tRZL
Fig.3 and 10, CRL=100pF, S1
Closed
60
150
ns
Receiver Enable to Output
High
tRZH
Fig.3 and 10, CRL=100pF, S2
Closed
60
150
ns
Receiver Disable Time from
Low
tRLZ
Fig.3 and 10, CRL=100pF, S1
Closed
60
150
ns
Receiver Disable Time from
High
tRHZ
Fig.3 and 10, CRL=100pF, S2
Closed
60
150
ns
Time to Shutdown
tSHDN
500
1000
ns
Transmitter Enable from
Shutdown to Output Low
tDZL(SHDN) Fig.4 and 8, CDL=15pF, S1 Closed
2500
ns
Transmitter Enable from
Shutdown to Output High
tDZH(SHDN) Fig.4 and 8, CDL=15pF, S2 Closed
2500
ns
Receiver Enable from
Shutdown to Output Low
tRZL(SHDN)
Fig.3 and 10, CRL=100pF, S1
Closed
3500
ns
Receiver Enable from
Shutdown to Output High
tRZH(SHDN)
Fig.3 and 10, CRL=100pF, S2
Closed
3500
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com