Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBLC6-2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # USBLC6-2
Description  VERY LOW CAPACITANCE ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2 Datasheet(HTML) 1 Page - STMicroelectronics

  USBLC6-2 Datasheet HTML 1Page - STMicroelectronics USBLC6-2 Datasheet HTML 2Page - STMicroelectronics USBLC6-2 Datasheet HTML 3Page - STMicroelectronics USBLC6-2 Datasheet HTML 4Page - STMicroelectronics USBLC6-2 Datasheet HTML 5Page - STMicroelectronics USBLC6-2 Datasheet HTML 6Page - STMicroelectronics USBLC6-2 Datasheet HTML 7Page - STMicroelectronics USBLC6-2 Datasheet HTML 8Page - STMicroelectronics USBLC6-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
®
1/11
USBLC6-2
VERY LOW CAPACITANCE
ESD PROTECTION
REV. 2
SOT23-6L
USBLC6-2SC6
SOT-666
USBLC6-2P6
June 2005
MAIN APPLICATIONS
■ USB2.0 ports at 480Mbps (high speed) and
USB OTG ports
■ Backwards Compatible with USB1.1 Low and
full speed
■ Ethernet port: 10/100Mb/s
■ SIM card protection
■ Video line protection
■ Portable and mobile electronics
DESCRIPTION
The USBLC6-2P6 and USBLC6-2SC6 are two
monolithic Application Specific Devices dedicated
to ESD protection of high speed interfaces such as
USB2.0, Ethernet links and Video lines.
The very low line capacitance secures a high level
of
signal
integrity
without
compromising
in
protection sensitive
chips against the most
stringent characterized ESD strikes.
FEATURES
■ 2 data lines protection
■ Protects VBUS
■ Very low capacitance: 3.5pF max
■ Very low leakage current: 1µA max
■ SOT-666 and SOT23-6L packages
■ RoHS compliant
BENEFITS
■ Very low capacitance between lines to GND for
optimized data integrity and speed
■ Ultra low PCB space consuming: 2.9mm² max
for SOT-666 package and 9mm² max for
SOT23-6L package
■ Enhanced ESD protection: IEC61000-4-2 level
4 compliance guaranteed at device level,
hence greater immunity at system level
■ ESD protection of VBUS. Allows ESD current
flowing to Ground when ESD event occurs on
data line
■ High reliability offered by monolithic integration
■ Very low leakage current for longer operation
of battery powered devices
■ Fast response time
■ Consistant D+/D- signal balance
- Best capacitance matching tolerance I/O to
GND of 0.04pF
- Compliance with USB2.0 requirement (<1pF)
Table 1: Order Codes
Part Number
Marking
USBLC6-2SC6
UL26
USBLC6-2P6
F
Figure 1: Functional Diagram
1
1
6
2
5
3
4
I/O1
I/O1
GND
VBUS
I/O2
I/O2
COMPLIES WITH THE FOLLOWING STANDARDS:
■ IEC61000-4-2 level 4:
15kV (air discharge)
8kV
(contact discharge)
ASD
(Application Specific Devices)


Similar Part No. - USBLC6-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-2 STMICROELECTRONICS-USBLC6-2 Datasheet
234Kb / 14P
Very low capacitance ESD protection
20-Mar-2008
USBLC6-2P6 STMICROELECTRONICS-USBLC6-2P6 Datasheet
234Kb / 14P
Very low capacitance ESD protection
20-Mar-2008
logo
TECH PUBLIC Electronics...
USBLC6-2P6 TECHPUBLIC-USBLC6-2P6 Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
logo
STMicroelectronics
USBLC6-2SC6 STMICROELECTRONICS-USBLC6-2SC6 Datasheet
234Kb / 14P
Very low capacitance ESD protection
20-Mar-2008
logo
TECH PUBLIC Electronics...
USBLC6-2SC6 TECHPUBLIC-USBLC6-2SC6 Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
More results

Similar Description - USBLC6-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-4SC6 STMICROELECTRONICS-USBLC6-4SC6 Datasheet
150Kb / 10P
VERY LOW CAPACITANCE ESD PROTECTION
28-Feb-2005
USBLC6-2 STMICROELECTRONICS-USBLC6-2_08 Datasheet
234Kb / 14P
Very low capacitance ESD protection
20-Mar-2008
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
Very low capacitance ESD protection
04-Feb-2008
USBLC6-2SC6Y STMICROELECTRONICS-USBLC6-2SC6Y Datasheet
224Kb / 14P
Very low capacitance ESD protection
24-Oct-2011
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
Very Low Capacitance ESD Protection
PE1605M2AQ PANJIT-PE1605M2AQ Datasheet
447Kb / 5P
Very Low Capacitance Esd Protection
May 4,2021 PE1605M2AQ-REV.02
PEC2305C4E5 PANJIT-PEC2305C4E5 Datasheet
228Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2305C4E5-REV.01
PEC2305M1Q PANJIT-PEC2305M1Q Datasheet
312Kb / 5P
VERY LOW CAPACITANCE ESD Protection
April 11,2019-REV.00
PEC2605C1ES PANJIT-PEC2605C1ES Datasheet
162Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
May 29,2018-REV.00
PEC2605C2E PANJIT-PEC2605C2E Datasheet
224Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2605C2E-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com