Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBLC6-2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # USBLC6-2
Description  VERY LOW CAPACITANCE ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2 Datasheet(HTML) 4 Page - STMicroelectronics

  USBLC6-2 Datasheet HTML 1Page - STMicroelectronics USBLC6-2 Datasheet HTML 2Page - STMicroelectronics USBLC6-2 Datasheet HTML 3Page - STMicroelectronics USBLC6-2 Datasheet HTML 4Page - STMicroelectronics USBLC6-2 Datasheet HTML 5Page - STMicroelectronics USBLC6-2 Datasheet HTML 6Page - STMicroelectronics USBLC6-2 Datasheet HTML 7Page - STMicroelectronics USBLC6-2 Datasheet HTML 8Page - STMicroelectronics USBLC6-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
USBLC6-2
4/11
TECHNICAL INFORMATION
1. SURGE PROTECTION
The USBLC6-2 is particularly optimized to perform surge protection based on the rail to rail topology.
The clamping voltage VCL can be calculated as follow :
VCL+ = VBUS + VF for positive surge
VCL- = - VF for negative surge
with: VF = VT + Rd.Ip
(VF forward drop voltage) / (VT threshold voltage)
We assume that the value of the dynamic resistance of the clamping diode is typically:
Rd = 0.5Ω and VT = 1.2V.
For an IEC61000-4-2 surge Level 4 (Contact Discharge: Vg=8kV, Rg=330Ω), VBUS = +5V, and if in first
approximation, we assume that : Ip = Vg / Rg = 24A.
So, we find:
VCL+ = +17V
VCL- = -12V
Note: the calculations do not take into account phenomena due to parasitic inductances.
2. SURGE PROTECTION APPLICATION EXAMPLE
If we consider that the connections from the pin VBUS to VCC and from GND to PCB GND are done by
two tracks of 10mm long and 0.5mm large; we assume that the parasitic inductances Lw of these tracks
are about 6nH. So when an IEC61000-4-2 surge occurs, due to the rise time of this spike (tr=1ns), the
voltage VCL has an extra value equal to Lw.dI/dt.
The dI/dt is calculated as: dI/dt = Ip/tr = 24 A/ns
The overvoltage due to the parasitic inductances is: Lw.dI/dt = 6 x 24 = 144V
By taking into account the effect of these parasitic inductances due to unsuitable layout, the clamping
voltage will be :
VCL+ = +17 + 144 = 161V
VCL- = -12 - 144 = -156V
We can reduce as much as possible these phenomena with simple layout optimization.
It’s the reason why some recommendations have to be followed (see paragraph “How to ensure a good
ESD protection”).
Figure 6: ESD behavior; parasitic phenomena due to unsuitable layout
Lw
VI/O
ESD
SURGE
GND
I/O
+VCC
VBUS
VF
Lw di
dt
Lw di
dt
V+ =
CL
V
+V +Lw
BUS
F
di
dt
surge >0
di
dt
surge <0
V- =
CL
-V -Lw
F
t
tr=1ns
VV
CC
F
+
Lw
di
dt
VCL+
POSITIVE
SURGE
183V
-Lw
di
dt
t
tr=1ns
-
VF
VCL-
NEGATIVE
SURGE
-178V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com