Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWG7002K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SWG7002K
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SWG7002K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SWG7002K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SWG7002K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SWG7002K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SWG7002K Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SWG7002K
0.38A, 60V, RDS(O ) 1.8 Ω
-Channel Enhancement MOSFET
26-Sep-2017 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
ESD Protected
Low RDS(ON)
Surface Mount Package
APPLICATIONS
Low Side Load Switch
Level Shift Circuits
DC−DC Converter
Portable Applications i.e. DSC, PDA, Cell Phone, etc.
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-883
10K
7 inch
MAXIMUM RATINGS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGS
±20
V
TA=25°C
320
Steady State
TA=85°C
230
TA=25°C
380
Drain Current
1
t<5s
TA=85°C
ID
270
mA
Pulsed Drain Current (tp=10µs)
IDM
1.5
A
Source Current (Body Diode)
IS
300
mA
Power Dissipation Steady State
1
PD
250
mW
Gate-Source ESD Rating(HBM, Method 3015)
ESD
2
kV
Lead Temperature for Soldering Purposes
(1/8” from case for 10s)
TL
260
°C
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Thermal Resistance from Junction-Ambient
1
RθJA
500
°C/ W
SOT-883
RK
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.95
1.05
F
0.40
0.55
B
0.55
0.65
G
0.16
0.22
C
0.33
0.63
H
0.055TYP.
D
0.44
0.55
I
0.25
0.37
E
0.055TYP.
J
0.5 TYP.


Similar Part No. - SWG7002K

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SWG75 ARTESYN-SWG75 Datasheet
60Kb / 4P
DC/AC single output ring generator
SWG75-48S75C01 ARTESYN-SWG75-48S75C01 Datasheet
60Kb / 4P
DC/AC single output ring generator
SWG75-48S75C01/P ARTESYN-SWG75-48S75C01/P Datasheet
60Kb / 4P
DC/AC single output ring generator
More results

Similar Description - SWG7002K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com