Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWG7002K Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SWG7002K
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SWG7002K Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SWG7002K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SWG7002K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SWG7002K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SWG7002K Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SWG7002K
0.38A, 60V, RDS(O ) 1.8 Ω
-Channel Enhancement MOSFET
26-Sep-2017 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Drain-Source Breakdown Voltage
V(BR)DSS
60
-
-
V
VGS=0V, ID=250µA
Drain-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
-
71
-
mV/°C
-
-
1
VDS=60V, VGS=0, TJ=25°C
-
-
500
µA
VDS=60V, VGS=0, TJ=125°C
Zero Gate Voltage Drain Current
IDSS
-
-
100
nA
VDS=50V, VGS=0, TJ=25°C
Gate-Source Leakage Current
IGSS
-
-
±10
µA
VDS=0V, VGS=±20V
Gate Threshold Voltage
2
VGS(th)
1
-
2.5
V
VDS=VGS, ID=250µA
Negative Threshold Temperature
Coefficient
2
VGS(th)/TJ
-
4
-
mV/°C
-
-
1.8
VGS=10V, ID=500mA
Drain-Source On-Resistance
2
RDS(ON)
-
-
2.5
VGS=5V, ID=50mA
Forward Transfer conductance
2
gfs
-
80
-
S
VDS=5V, ID=200mA
Total Gate Charge
Qg(tot)
-
0.7
-
Threshold Gate Charge
Qg(th)
-
0.1
-
Gate-Source Charge
Qgs
-
0.3
-
Gate-Drain Charge
Qgd
-
0.1
-
nC
VGS=4.5V
VDS=10V
ID=200mA
Turn-On Delay Time
3
Td(on)
-
9.9
-
Rise Time
3
Tr
-
5
-
Turn-Off Delay Time
3
Td(off)
-
39.4
-
Fall Time
3
Tf
-
17.9
-
nS
VDD=10V
VGS=10V
ID=500mA
Input Capacitance
Ciss
-
32.8
-
Output Capacitance
Coss
-
5.4
-
Reverse Transfer Capacitance
Crss
-
2.9
-
pF
VDS=25V
VGS=0V
f=1MHz
Drain-Source Diode
-
-
1.4
VGS=0V, IS=115mA, TJ=25°C
Forward Diode Voltage
VSD
-
0.7
-
V
VGS=0V, IS=115mA, TJ=85°C
Notes:
1.
Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces).
2.
Pulse Test: pulse width=300µs, duty cycle≦2%.
3.
Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com