Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5461 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 17Page - Cirrus Logic CS5461 Datasheet HTML 18Page - Cirrus Logic CS5461 Datasheet HTML 19Page - Cirrus Logic CS5461 Datasheet HTML 20Page - Cirrus Logic CS5461 Datasheet HTML 21Page - Cirrus Logic CS5461 Datasheet HTML 22Page - Cirrus Logic CS5461 Datasheet HTML 23Page - Cirrus Logic CS5461 Datasheet HTML 24Page - Cirrus Logic CS5461 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
CS5461
DS546PP2
21
the power/energy signals will be removed from the
CS5461’s power/energy results.
2. If the energy registration accuracy needs to be
within ±0.1% (with respect to reference calibration
levels on the voltage/current inputs) then either the
AC or the DC gain calibration is recommended for
the voltage/current channels.
3. Finally, run AC offset calibration on the voltage
and current channels.
4.5 Power Offset
The Power Offset Register can be used to offset
system power sources that may be resident in the
system, but do not originate from the power line
signal. These sources of extra energy in the system
contribute undesirable and false offsets to the pow-
er/energy measurement results. After determining
the amount of stray power, the Power Offset Reg-
ister can be set to nullify the effects of this unwant-
ed energy.
4.6 Phase Compensation
Bits 23 to 17 of the Configuration Register are used
to program the amount of phase delay added to the
voltage channel signal path. This phase delay is ap-
plied to the voltage channel signal in order to com-
pensate for phase delay that may be introduced by
the voltage and current sensor circuitry external to
the CS5461. Voltage and current transformers, as
well as other sensor equipment applied to the
front-end of the CS5461 inputs can often introduce
a phase delay in the system, which distorts the
phase relationship between the voltage and current
signals being measured. The phase compensation
bits PC[6:0] can be set to nullify this undesirable
phase distortion between the two channels.
The default value of the phase compensation bits is
0000000(b). This setting represents the shortest
time-delay (smallest phase delay) between the volt-
age and current channel signal paths. With the de-
fault setting, the phase delay on the voltage channel
is 0.995
µs (~0.0215 degrees assuming a 60 Hz
power signal). With MCLK = 4.096 MHz and
K = 1, the range of the internal phase compensation
ranges from -2.8 degrees to +2.8 degrees when the
input voltage/current signals are at 60 Hz. In this
condition, each step of the phase compensation reg-
ister (value of one LSB) is ~0.04 degrees. For val-
ues of MCLK other than 4.096 MHz, the range
(-2.8 to +2.8 degrees) and step size (0.04 degrees)
should be scaled by 4.096 MHz / (MCLK / K). For
power line frequencies other than 60 Hz, the values
of the range and step size of the PC[6:0] bits can be
determined by converting the above values to
time-domain (seconds), and then computing the
new range and step size (in degrees) with respect to
the new line frequency.
To calibrate the phase delay, use a purely resistive
load and adjust the phase compensation bits until
the Average Power Register value is maximized.
4.7 Time-Base Calibration
The Time-Base Calibration Register (notated as
“TBC” in Figure 2) is used to compensate for slight
errors in the XIN frequency. External oscillators
and crystals have certain tolerances. To improve
the accuracy of the clock for energy measurements,
the Time-Base Calibration Register can be manip-
ulated to compensate for the frequency error. Note
from Figure 2 that the TBC Register only affects
the value in the Average Power Register.
As an example, if the desired XIN frequency is
4.096 MHz, but during production-level testing the
average frequency of the crystal on a particular
board is measured to be 4.091 MHz. The ratio of
the desired frequency to the actual frequency is
4.096 MHz / 4.091 MHz = ~1.00122219506. The
Time-Base Calibration Register can be set to
1.00122213364 = 0x80280C(h), which is close to
the desired ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com