Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5461 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 35Page - Cirrus Logic CS5461 Datasheet HTML 36Page - Cirrus Logic CS5461 Datasheet HTML 37Page - Cirrus Logic CS5461 Datasheet HTML 38Page - Cirrus Logic CS5461 Datasheet HTML 39Page - Cirrus Logic CS5461 Datasheet HTML 40Page - Cirrus Logic CS5461 Datasheet HTML 41Page - Cirrus Logic CS5461 Datasheet HTML 42Page - Cirrus Logic CS5461 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
CS5461
DS546PP2
39
7.12 PulseRateF Register
Address: 18
Default** = 32000.00 Hz
The PulseRateF Register sets the average pulse frequency of the FOUT output pin. The register’s smallest valid
value is 2-4 but can be in 2-5 increments. A pulserate higher than MCLK/K/8 will result in a pulse rate setting of
MCLK/K/8.
7.13 Temperature Sensor Output Register
Address: 19
This signed register contains the output of the On-Chip Temperature Sensor. The results are in the range of
-128.0
≤ T < 128.0. The value is represented in unsigned binary notation, with the binary point place to the left
of the MSB. This result is updated after each computation cycle.
7.14 Pulsewidth
Address: 21
Default** = 512 sample periods
This signed register determines the pulsewidth of EOUT and EDIR pulses in Mechanical Counter Mode. The
width is set in number of sample periods. The default is 512. This corresponds to a pulsewidth of
512 samples / [(MCLK/K)/1024] = 128 msec with MCLK = 4.096 MHz and K = 1. Although this is a signed reg-
ister a negative value will have no meaning; pulsewidth settings must be positive.
7.15 VSAGLevel: Voltage Sag-Detect Threshold Level
Address: 23
Default** = 0x000000
This signed register sets the threshold level for the Voltage Sag Detect feature. To activate the VSAG bit the
Status Register, the value of the VRMS register must remain below this threshold level for a set number of sam-
ples (defined in the VSAGDuration Register). Voltage threshold levels must be positive values; a negative value
can be used to disable the feature. For more information about the voltage sag detect functionality, refer to Sec-
tion 4.10 of the data sheet.
MSB
LSB
218
217
216
215
214
213
212
211
.....
21
20
2-1
2-2
2-3
2-4
2-5
MSB
LSB
-(27)26
25
24
23
22
21
20
.....
2-10
2-11
2-12
2-13
2-14
2-15
2-16
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com