Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51031GD8 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS51031GD8
Description  Fast PFET Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51031GD8 Datasheet(HTML) 3 Page - ON Semiconductor

  CS51031GD8 Datasheet HTML 1Page - ON Semiconductor CS51031GD8 Datasheet HTML 2Page - ON Semiconductor CS51031GD8 Datasheet HTML 3Page - ON Semiconductor CS51031GD8 Datasheet HTML 4Page - ON Semiconductor CS51031GD8 Datasheet HTML 5Page - ON Semiconductor CS51031GD8 Datasheet HTML 6Page - ON Semiconductor CS51031GD8 Datasheet HTML 7Page - ON Semiconductor CS51031GD8 Datasheet HTML 8Page - ON Semiconductor CS51031GD8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS51031
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (Specifications apply for 4.5
≤ VCC ≤ 16 V, 3.0 V ≤ VC ≤ 16 V;
Industrial Grade: –40
°C < TA < 85°C; –40°C < TJ < 125°C: Commercial Grade: 0°C < TA < 70°C; 0°C < TJ < 125°C, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
VFB Comparators
VCOSC = VCS = 2.0 V
Regulator Threshold Voltage
TJ = 25°C (Note 3)
TJ = –40 to 125°C
1.225
1.210
1.250
1.250
1.275
1.290
V
V
Fault Threshold Voltage
TJ = 25°C (Note 3)
TJ = –40 to 125°C
1.12
1.10
1.15
1.15
1.17
1.19
V
V
Threshold Line Regulation
4.5 V
≤ VCC ≤ 16 V
–
6.0
15
mV
Input Bias Current
VFB = 0 V
–
1.0
4.0
µA
Voltage Tracking
(Regulator Threshold – Fault Threshold Voltage)
70
100
120
mV
Input Hysteresis Voltage
–
–
4.0
20
mV
Power Stage
VCC = VC = 10 V; VFB = 1.2 V
GATE DC Low Saturation Voltage
VCOSC = 1.0 V; 200 mA Sink
–
1.2
1.5
V
GATE DC High Saturation Voltage
VCOSC = 2.7 V; 200 mA Source; VC = VGATE
–
1.5
2.1
V
Rise Time
CGATE = 1.0 nF; 1.5 V < VGATE < 9.0 V
–
25
60
ns
Fall Time
CGATE = 1.0 nF; 9.0 V > VGATE > 1.5 V
–
25
60
ns
VCC Monitor
Turn On Threshold
–
4.200
4.400
4.600
V
Turn Off Threshold
–
4.085
4.300
4.515
V
Hysteresis
–
65
130
200
mV
Current Drain
ICC
4.5 V < VCC < 16 V, Gate switching
–
4.5
6.0
mA
IC
3.0 V < VC < 16 V, Gate non–switching
–
2.7
4.0
mA
Shutdown ICC
VCC = 4.0
–
500
900
µA
3. Guaranteed by design, not 100% tested in production.
PACKAGE LEAD DESCRIPTION
PACKAGE PIN
NUMBER
SO–8
PIN SYMBOL
FUNCTION
1
VGATE
Driver pin to gate of external PFET.
2
PGND
Output power stage ground connection.
3
COSC
Oscillator frequency programming capacitor.
4
GND
Logic ground.
5
VFB
Feedback voltage input.
6
VCC
Logic supply voltage.
7
CS
Soft start and fault timing capacitor.
8
VC
Driver supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com