Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51031GD8 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS51031GD8
Description  Fast PFET Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51031GD8 Datasheet(HTML) 4 Page - ON Semiconductor

  CS51031GD8 Datasheet HTML 1Page - ON Semiconductor CS51031GD8 Datasheet HTML 2Page - ON Semiconductor CS51031GD8 Datasheet HTML 3Page - ON Semiconductor CS51031GD8 Datasheet HTML 4Page - ON Semiconductor CS51031GD8 Datasheet HTML 5Page - ON Semiconductor CS51031GD8 Datasheet HTML 6Page - ON Semiconductor CS51031GD8 Datasheet HTML 7Page - ON Semiconductor CS51031GD8 Datasheet HTML 8Page - ON Semiconductor CS51031GD8 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS51031
http://onsemi.com
4
Q
Q
Q
Q
RG
VC
VGATE
PGND
R
S
F2
VGATE
Flip–Flop
G2
+
–
VFB
Comparator
A6
VFB
1.25 V
G1
0.7 V
Hold Off
Comp
Fault
Comp
1.15 V
A4
CS Charge
Sense
Comparator
R
S
F1
Slow Discharge
Flip–Flop
GND
G4
G5
–
+
A3
Slow Discharge
Comparator
2.3 V
2.4 V
+
–
A2
CS
Comparator
2.5 V
1.5 V
IT
55
IT
5
IT
CS
G3
VREF = 3.3 V
COSC
2.5 V
1.5 V
A1
VREF
3.3 V
VCCOK
VCC
Oscillator
Comparator
VCC
VREF
IC
7IC
Figure 2. Block Diagram
CIRCUIT DESCRIPTION
THEORY OF OPERATION
Control Scheme
The CS51031 monitors the output voltage to determine
when to turn on the PFET. If VFB falls below the internal
reference voltage of 1.25 V during the oscillator’s charge
cycle, the PFET is turned on and remains on for the duration
of the charge time. The PFET gets turned off and remains off
during the oscillator’s discharge time with the maximum
duty cycle to 80%. It requires 7.0 mV typical, and 20 mV
maximum ripple on the VFB pin is required to operate. This
method of control does not require any loop stability
compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com