Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV2736 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV2736
Description  4x4 RGB-Ir pattern
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV2736 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV2736 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV2736 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
¬
¬
¬
Internet of Things (IoT)
High-end Video Conferencing
Security
Lifestyle Camera
Home Monitoring
Applications
¬
¬
¬
¬
4x4 RGB-Ir pattern
programmable controls:
- gain
- exposure
- frame rate
- image size
- horizontal mirror
- vertical flip
- cropping
- windowing
automatic image control functions:
- black level calibration (BLC)
serial camera control bus (SCCB)
digital video port (DVP) parallel
output interface
support for two lane MIPI interface
(up to 800 Mbps)
support for image sizes:
- 1080p @ 60 fps
- 720p @ 90 fps
support for light sensing mode (LSM)
support for staggered 2 frame HDR
support for black sun cancellation
on-chip phase lock loop (PLL)
¬
¬
¬
¬
¬
¬
¬
Product Features
¬
OV02736-H46A-1B
(RGB-Ir, lead-free) 46-pin CSP
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 1920 x 1080
power supply:
- core: 1.2V
- analog: 2.8V
- I/O: 1.8V
power requirements:
- active: 110 mW
temperature range:
- operating: -40°C to +85°C junction
temperature
- stable image: 0°C to +60°C junction
temperature
output interfaces:
two-lane MIPI / DVP parallel
output formats: 10/12-bit RAW RGB-Ir
lens size: 1/4"
lens chief ray angle: 12° linear
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
input clock frequency: 6 ~ 27 MHz
scan mode: progressive
maximum image transfer rate:
- 1080p: 60 fps
- 720p: 90 fps
sensitivity: 12.5 Ke-/Lux-sec
shutter: rolling shutter
max S/N ratio: 38.2 dB
dynamic range: 74.5 dB @ 16x gain
maximum exposure interval:
1184 x tROW
pixel size: 2 µm x 2 µm
image area: 3868 µm x 2190 µm
package dimensions:
5134 µm x 3640 µm
Product Specifications
Version 1.3, April, 2018
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and PureCel are registered
trademarks of OmniVision Technologies, Inc. All other trademarks are the property of their
respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV2736
Functional Block Diagram
OV2736
image sensor core
image
sensor
processor
image
output
interface
column
sample/hold
PLL
PLLs
control register bank
SCCB slave interface
timing generator and system control logic
gain control
MCP/N
MDP/N[1:0]
D[11:0]
image
array
AMP
12-bit
ADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com