Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV2736 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV2736
Description  4x4 RGB-Ir pattern
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV2736 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV2736 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV2736 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low-Power, Compact RGB-Ir Image Sensor
for Consumer Applications
OV27361080pproductbrief
lead free
available in
a lead-free
package
The OV2736 is a 1/4-inch PureCel® image sensor that
uses OmniVision's industry-leading RGB-Ir technology
to enable high-end image quality, low power
consumption and advanced functionality. These
capabilities make the OV2736 suitable for a wide range
of battery-powered camera applications, including home
security and monitoring, high-end video conferencing,
and action or lifestyle cameras.
Using a 4x4 RGB-Ir pixel pattern, the OV2736
eliminates the need for two-camera solutions for
devices that require both RGB and infrared imaging.
Using this technology, the sensor delivers
unprecedented performance in near-total darkness,
capturing high-quality 1080p full high definition (HD)
video at 60 frames per second (fps) with high dynamic
range (HDR), or 720p HD video at 90 fps.
Rather than a traditional mechanical infrared filter, the
OV2736 utilizes dual-band color filters to deliver
superior image quality in near-total darkness. The
sensor's small optical format and minimal 110 mW
power consumption ensure that it is easily integrated
into mainstream industrial designs.
Find out more at www.ovt.com.


Similar Part No. - OV2736

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV2732 OMNIVISION-OV2732 Datasheet
1Mb / 2P
support for two lane MIPI interface
OV2735 OMNIVISION-OV2735 Datasheet
832Kb / 2P
programmable controls
More results

Similar Description - OV2736

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
LVDS 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
Gigabit 4x4 CROSSPOINT SWITCH
logo
JFW Industries, Inc.
50MS-313 JFW-50MS-313 Datasheet
69Kb / 1P
4x4 MATRIX SWITCH
logo
Motorola, Inc
MC14580B MOTOROLA-MC14580B Datasheet
234Kb / 7P
4x4 Multiport Register
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9250 AVAGO-APDS-9250 Datasheet
522Kb / 21P
Digital RGB, IR and Ambient Light Sensor
logo
STMicroelectronics
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
High brightness 4x4 RGB LED matrix
15-Oct-2013
logo
Broadcom Corporation.
APDS-9250 BOARDCOM-APDS-9250 Datasheet
522Kb / 21P
Digital RGB, IR and Ambient Light Sensor
logo
OmniVision Technologies...
OV9752 OMNIVISION-OV9752 Datasheet
3Mb / 2P
RGB-IR color filter
logo
PANDUIT CORP.
FR4X4YL6 PANDUIT-FR4X4YL6 Datasheet
185Kb / 1P
4x4 FiberRunner짰 Routing System Cable Fills for 4x4 FiberRunner
logo
Broadcom Corporation.
ACPM-7331-TR1 BOARDCOM-ACPM-7331-TR1 Datasheet
1Mb / 18P
UMTS1900 4x4 Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com