Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1104ZDB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT1104ZDB
Description  HIGH TEMPERATURE QUAD ULTRALOW INPUT BIAS CURRENT OPERATIONAL AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HT1104ZDB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT1104ZDB Datasheet HTML 1Page - List of Unclassifed Manufacturers HT1104ZDB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HTMOSTM High Temperature Products
• Specified Over -55 to +225
°C
• Single or Split Supply Operation
• Common-Mode Input Voltage Range
Includes Negative Rail
• Low Input Bias and Offset Parameters
• Input/Output Overload Protection
• High Input Impedance and Ultra-Low Bias Current
• Latchup Free Design with Dielectric Isolation
• Hermetic 14-Lead Ceramic DIP
FEATURES
GENERAL DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V +
-
+
-
+
-
+
OUT 1
- IN 1
+ IN 1
+ IN 2
- IN 2
OUT 2
OUT 4
- IN 4
+ IN 4
V -
+ IN 3
- IN 3
OUT 3
-
+
1
2
3
4
HIGH TEMPERATURE QUAD ULTRALOW
INPUT BIAS CURRENT OPERATIONAL AMPLIFIER
HT1104Z
The HT1104Z monolithic quad operational amplifier is a
versatile performer over an extremely wide temperature
range. It is fabricated with Honeywell’s dielectrically iso-
lated high-temperature linear (HTMOS™) process, and is
designed specifically for use in systems operating in se-
vere high-temperature environments. All parts are burned
in at 250
°C to eliminate infant mortality.
These amplifiers provide guaranteed performance over
the full -55 to +225
°C temperature range. Typically, parts
will operate up to +300
°C for a year, with derated perfor-
mance. The HT1104Z will operate with both single and split
supplies. High-temperature applications such as trans-
ducer interfacing, amplification, active filtering, and signal
buffering are all possible with the HT1104Z.
The HT1104Z is an option of the HT1104 with the ESD
protection circuitry removed to achieve high input imped-
ance. This higher impedance also provides the HT1104Z
with an ultra-low bias current.
• Down-Hole Oil Well
• Turbine Engine Control
• Avionics
• Industrial Process Control
• Nuclear Reactor
• Electric Power Conversion
• Heavy Duty Internal Combustion Engines
APPLICATIONS
Top View
PACKAGE PINOUT
14-Lead Cerdip
θjc = 7°C/W
Solid State Electronics Center • 12001 State Highway 55, Plymouth, MN 55441 • (800) 323-8295 • http://www.ssec.honeywell.com
Preliminary


Similar Part No. - HT1104ZDB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT1104 ETC1-HT1104 Datasheet
302Kb / 8P
HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
logo
Honeywell Solid State E...
HT1104 HONEYWELL-HT1104 Datasheet
1,016Kb / 10P
High Temperature Quad Operational
logo
List of Unclassifed Man...
HT1104DB ETC1-HT1104DB Datasheet
302Kb / 8P
HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
HT1104DC ETC1-HT1104DC Datasheet
302Kb / 8P
HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
More results

Similar Description - HT1104ZDB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD549 AD-AD549 Datasheet
418Kb / 12P
Ultralow Input Bias Current Operational Amplifier
OP-497 AD-OP-497 Datasheet
524Kb / 12P
PRECISION PICOAMPERE INPUT CURRENT QUAD OPERATIONAL AMPLIFIER
OP497 AD-OP497 Datasheet
302Kb / 12P
Precision Picoampere Input Current Quad Operational Amplifier
11/01-Data Sheet changed from REV. C to REV. D.
logo
List of Unclassifed Man...
HT1104 ETC1-HT1104 Datasheet
302Kb / 8P
HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
logo
Analog Devices
AD549 AD-AD549_08 Datasheet
1Mb / 20P
Ultralow Input Bias Current Operational Amplifier
Rev. H
OP497GSZ AD-OP497GSZ Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
5962-9452101M2A AD-5962-9452101M2A Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP497 AD-OP497_15 Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
AD549 AD-AD549_17 Datasheet
1Mb / 19P
Ultralow Input Bias Current Operational Amplifier
2/15-Rev. J to Rev. K
OP497 AD-OP497_17 Datasheet
283Kb / 17P
Precision Picoampere Input Current Quad Operational Amplifier
2/09-Rev. D to Rev. E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com