Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSD20L60SW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSSD20L60SW
Description  20A, 45V - 60V Trench Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSD20L60SW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSSD20L60SW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSD20L60SW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSD20L60SW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSD20L60SW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSSD20L60SW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSSD20L60SW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSSD20L45SW - TSSD20L60SW
Taiwan Semiconductor
2
Version:B1702
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-lead thermal resistance
RӨJL
15
°C/W
Junction-to-ambient thermal resistance
RӨJA
44
°C/W
Junction-to-case thermal resistance
RӨJC
16
°C/W
Thermal Performance Note: Units mounted on recommended PCB (16mm x 16mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Forward voltage per diode
(1)
TSSD20L45SW
IF = 10A, TJ = 25°C
VF
0.47
-
V
IF = 20A, TJ = 25°C
0.55
0.65
V
IF = 10A, TJ = 125°C
0.39
-
V
IF = 20A, TJ = 125°C
0.50
0.58
V
TSSD20L60SW
IF = 10A, TJ = 25°C
0.48
-
V
IF = 20A, TJ = 25°C
0.57
0.66
V
IF = 10A, TJ = 125°C
0.40
-
V
IF = 20A, TJ = 125°C
0.54
0.65
V
Reverse current @ rated VR
per diode
(2)
TSSD20L45SW
TJ = 25°C
IR
-
100
µA
TJ = 125°C
-
50
mA
TSSD20L60SW
TJ = 25°C
-
100
µA
TJ = 125°C
-
50
mA
Junction capacitance
TSSD20L45SW
1 MHz, VR=4.0V
CJ
2600
-
pF
TSSD20L60SW
2500
-
pF
Notes:
1.
Pulse test with PW=0.3 ms
2.
Pulse test with PW=30 ms
ORDERING INFORMATION
PART NO.
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
TSSD20LxxSW
(Note 1, 2)
RO
G
TO-252 (D-PAK)
2.5KPCS / 13"Reel
Notes:
1. "xx" defines voltage from 45V (TSSD20L45SW) to 60V (TSSD20L60SW)
2. Whole series with green compound (halogen-free)
EXAMPLE
EXAMPLE P/N
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
TSSD20L45SW ROG
TSSD20L45SW
RO
G
Green compound



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com