Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSD20L60SW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSSD20L60SW
Description  20A, 45V - 60V Trench Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSD20L60SW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSSD20L60SW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSD20L60SW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSD20L60SW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSD20L60SW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSSD20L60SW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSSD20L60SW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSSD20L45SW - TSSD20L60SW
Taiwan Semiconductor
1
Version:B1702
20A, 45V - 60V Trench Schottky Rectifier
FEATURES
● Patented Trench Schottky technology
● Low power loss/ high efficiency
● Ideal for automated placement
● Guard ring for over-voltage protection
● High forward surge capability
● Compliant to RoHS directive 2011/65/EU and
In accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● Lighting application
● On-board DC/DC converter
MECHANICAL DATA
● Case: TO-252 (D-PAK)
● Molding compound: UL flammability classification
rating 94V-0
● Packing code with suffix "G" means green compound
(halogen-free)
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 1A whisker test
● Polarity: As marked
● Weight: 0.4 g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF(AV)
20
A
VRRM
45 - 60
V
IFSM
200
A
TJ MAX
150
°C
Package
TO-252 (D-PAK)
Configuration
Single Die
TO-252 (D-PAK)
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
TSSD20L45SW TSSD20L60SW UNIT
Marking code on the device
20L45SW
20L60SW
Repetitive peak reverse voltage
VRRM
45
60
V
Forward current
IF(AV)
20
A
Surge peak forward current, 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
200
A
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - TSSD20L60SW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
20A, 100V - 200V Trench Schottky Rectifier
TSSD20L150SW TSC-TSSD20L150SW Datasheet
361Kb / 8P
20A, 100V - 200V Trench Schottky Rectifier
TSSD20L200SW TSC-TSSD20L200SW Datasheet
361Kb / 8P
20A, 100V - 200V Trench Schottky Rectifier
logo
Inchange Semiconductor ...
TSSD20L200SW ISC-TSSD20L200SW Datasheet
180Kb / 2P
Schottky Barrier Rectifier
More results

Similar Description - TSSD20L60SW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSN520M60 TSC-TSN520M60 Datasheet
245Kb / 4P
20A, 60V Trench Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
TSP20L60SD YFWDIODE-TSP20L60SD Datasheet
1Mb / 3P
20A, 60V Trench Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSSD10L45SW TSC-TSSD10L45SW Datasheet
338Kb / 6P
10A, 45V - 60V Trench Schottky Rectifier
TST20L60CW TSC-TST20L60CW Datasheet
337Kb / 4P
20A, 60V Trench Schottky Rectifier
TST20U45CW TSC-TST20U45CW Datasheet
214Kb / 5P
20A, 45V - 60V Trench Schottky Rectifiers
logo
PFC Device Inc.
P20V45SP PFC-P20V45SP Datasheet
729Kb / 5P
20A 45V MOS Schottky Rectifier
PFR20L45CT PFC-PFR20L45CT Datasheet
775Kb / 7P
20A 45V MOS Schottky Rectifier
PFR2045CT PFC-PFR2045CT Datasheet
773Kb / 7P
20A 45V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TST20H45C TSC-TST20H45C Datasheet
523Kb / 5P
20A, 45V Dual Common Cathode Trench Schottky Rectifier
TSSE3H45H TSC-TSSE3H45H Datasheet
445Kb / 5P
3A, 45V - 60V Trench Schottky Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com