Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1232LP Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM1232LP
Description  5V uP Power Supply Monitor and Reset Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1232LP Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM1232LP Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
Notice: The information in this document is subject to change without notice
5V µP Power Supply Monitor and Reset Circuit
ASM1232LP/LPS
January 2005
rev 1.5
Detailed Description
The ASM1232LP/LPS monitors the microprocessor or
microcontroller power supply and generates reset signal,
both active HIGH and Active LOW, that halt processor
operation whenever the power supply voltage levels are
outside a predetermined tolerance.
RESET and RESET outputs
RESET is an active HIGH signal developed by a CMOS
push-pull output stage and is the logical opposite to RESET.
RESET is an active LOW signal. It is developed with an open
drain driver. A pull up resistor of typical value 10k
Ω to 50kΩ is
required to connect with the output.
Trip Point Tolerance Selection
The TOL input is used to determine the level VCC can vary
below 5V without asserting a reset. With TOL conected to
VCC, RESET and RESET become active whenever VCC falls
below 4.5V. RESET and RESET become active when the
VCC falls below 4.75V if TOL is connected to ground.
After VCC has risen above the trip point set by TOL, RESET
and RESET remain active for a minimum time period of
250ms. On power-down, once VCC falls below the reset
threshold RESET stays LOW and is guaranteed to be 0.4V or
less until VCC drops below 1.2V. The active HIGH reset signal
is valid down to a VCC level of 1.2V also.
Application Information
Manual Reset Operation
Push-button switch input, PBRST, allows the user to override
the internal trip point detection circuits and issue reset
signals. The pushbutton input is debounced and is pulled
HIGH through an internal 40k
Ω resistor.
Tolerance
Select
Tolerance
TRIP Point Voltage
(V)
Min
Nom
Max
TOL = VCC
10%
4.25
4.37
4.49
TOL = GND
5%
4.5
4.62
4.74
VOH
VOL
tRPU
RESET
RESET
VCCTP(MIN)
VCCTP(MAX)
VCCTP
tR
VCC
Figure 1: Timing Diagram : Power Up
VOH
VOL
VCCTP (MAX)
VCCTP
VCCTP (MIN)
RESET
RESET
tF
VCC
tRPD
Figure 2: Timing Diagram : Power Down



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com