Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1232LP Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM1232LP
Description  5V uP Power Supply Monitor and Reset Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1232LP Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM1232LP Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1232LP Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ASM1232LP/LPS
5 of 10
Notice: The information in this document is subject to change without notice
5V µP Power Supply Monitor and Reset Circuit
January 2005
rev 1.5
Absolute Maximum Ratings
DC Electrical Characteristics
Unless otherwise stated, 4.5V <= VCC<= 5.5V and over the operating temperature range of 0°C to 70°C (-40°C to +85°C. for N devices). All
voltages are referenced to ground.
Parameter
Min
Max
Unit
Voltage on VCC
-0.5
7
V
Voltage on ST, TD
-0.5
VCC + 0.5
V
Voltage on PBRST, RESET, RESET
-0.5
VCC + 0.5
V
Operating Temperature Range (N suffixed devices)
-40
+85
°C
Operating Temperature Range (others)
0
70
°C
Soldering Temperature (for 10 sec)
+260
°C
Storage Temperature
-55
+125
°C
ESD rating
HBM
MM
2
200
KV
V
Note:
1. Voltages are measured with respect to ground
2. These are stress ratings only and functional implication is not implied. Exposure to absolute maximum ratings for extended
periods may affect device reliability.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
ST and PBRST Input High Level
VIH
2
VCC + 0.3
V
ST and PBRST Input Low Level
VIL
-0.3
0.8
V
VCC Trip Point (TOL = GND)
VCCTP
4.50
4.62
4.74
V
VCC Trip Point (TOL = VCC)VCCTP
4.25
4.37
4.49
V
Watchdog Timeout Period
tTD
TD = GND
62.5
150
250
ms
Watchdog Timeout Period
tTD
TD = VCC
500
1200
2000
ms
Watchdog Timeout Period
tTD
TD Floating
250
610
1000
ms
Output Voltage
VOH
I=-500µA, Note 3
VCC - 0.5
VCC - 0.1
V
Output Current
IOH
Output = 2.4V, Note 2
-8
-10
mA
Output Current
IOL
Output = 0.4V
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com