Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1663S-13 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL1663S-13
Description  UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1663S-13 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL1663S-13 Datasheet HTML 7Page - Diodes Incorporated AL1663S-13 Datasheet HTML 8Page - Diodes Incorporated AL1663S-13 Datasheet HTML 9Page - Diodes Incorporated AL1663S-13 Datasheet HTML 10Page - Diodes Incorporated AL1663S-13 Datasheet HTML 11Page - Diodes Incorporated AL1663S-13 Datasheet HTML 12Page - Diodes Incorporated AL1663S-13 Datasheet HTML 13Page - Diodes Incorporated AL1663S-13 Datasheet HTML 14Page - Diodes Incorporated AL1663S-13 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AL1663/AL1663R
Document number: DS38466 Rev. 2 - 2
11 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AL1663/AL1663R
Application Information (Cont.)
Operation Parameters Design
Setting the Current Sense Resistor RCS
The current sense resistance can be calculated as following:
_
2
PS
REF
CS
O MEAN
NV
R
I
Where IO_MEAN is the mean output current; RCS is current sense resistor which is shown as Figures 1 and 2;
VREF is internal reference voltage that is equal to 0.3V; NPS is the turns ratio of Flyback transformer (NPS=1 for Buck-boost).
Setting Transformer Selection (T1)
NPS is limited by the electrical stress of the switch MOSFET, can be calculated by below formula.
_(
)
_
_
90%
2
MOS
BR DS
IN MAX
S
PS
O
D F
V
V
V
N
VV
 
Where VMOS_(BR)DS is the breakdown voltage of the switch MOSFET. VIN_MAX is the max rated input voltage.
∆VS is the overshoot voltage
clamped by RCD snobbier during OFF time. VO is the output voltage. VD_F is the forward voltage of secondary diode. NPS is the turns ratio of
Flyback transformer (NPS=1 for Buck-boost);
For boundary conduction mode and constant on time method, the peak current of primary inductance can be calculated as below.
_
_
0
_
2
2
sin( )
sin( )
2
sin( )
O MEAN
P
IN RMS
PS
IN RMS
PS
I
I
V
Nd
V
N
Vo




Where VIN_RMS is the rate input voltage; IP is the primary inductance current. NPS is the turns ratio of Flyback transformer (NPS=1 for Buck-boost);
IO_MEAN is the mean output current; VO is the output voltage.
The switching frequency is not constant for AL1663/AL1663R due to boundary conduction mode. To set the minimum switching frequency fMIN at
the crest of the minimum AC input, primary inductance can be obtained by below formula.
_
_
2
( 2
)
IN
RMS
PS
O
P
P
IN
RMS
PS
O
MIN
V
N
V
L
I
V
N V
f
Where VIN_RMS is the rate input voltage; IP is the primary inductance current. NPS is the turns ratio of Flyback transformer (NPS=1 for Buck-boost);
IO_MEAN is the mean output current; VO is the output voltage; fMIN is the minimum switching frequency at the crest of the minimum AC input.
According to the Faraday’s Law, the winding number of the inductance can be calculated by:
PP
P
em
LI
N
AB
P
S
PS
N
N
N
Where,
Ae is the core effective area.
Bm is the maximum magnetic flux density.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com