Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1663S-13 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AL1663S-13
Description  UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1663S-13 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AL1663S-13 Datasheet HTML 7Page - Diodes Incorporated AL1663S-13 Datasheet HTML 8Page - Diodes Incorporated AL1663S-13 Datasheet HTML 9Page - Diodes Incorporated AL1663S-13 Datasheet HTML 10Page - Diodes Incorporated AL1663S-13 Datasheet HTML 11Page - Diodes Incorporated AL1663S-13 Datasheet HTML 12Page - Diodes Incorporated AL1663S-13 Datasheet HTML 13Page - Diodes Incorporated AL1663S-13 Datasheet HTML 14Page - Diodes Incorporated AL1663S-13 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AL1663/AL1663R
Document number: DS38466 Rev. 2 - 2
12 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AL1663/AL1663R
Ordering Information
AL1663X X - X
Package
S : SO-8
Product Version
Packing
13 : 13" Tape & Reel
Product Name
Black : AL1663
R : AL1663R
Part Number
Package Code
Package
13” Tape and Reel
Quantity
Part Number Suffix
AL1663S-13
S
SO-8
4000/Tape & Reel
-13
AL1663RS-13
S
SO-8
4000/Tape & Reel
-13
Marking Information
AL1663
(Top View)
YY WW X X
Logo
WW : Week : 01~52; 52
YY : Year : 13, 14, 15~
X X : Internal Code
8
7
6
5
1
2
3
4
represents 52 and 53 week
Part Number
AL1663R
(Top View)
YY WW X X
Logo
WW : Week : 01~52; 52
YY : Year : 13, 14, 15~
X X : Internal Code
8
7
6
5
1
2
3
4
represents 52 and 53 week
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com