Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1772 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL1772
Description  PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1772 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL1772 Datasheet HTML 4Page - Diodes Incorporated AL1772 Datasheet HTML 5Page - Diodes Incorporated AL1772 Datasheet HTML 6Page - Diodes Incorporated AL1772 Datasheet HTML 7Page - Diodes Incorporated AL1772 Datasheet HTML 8Page - Diodes Incorporated AL1772 Datasheet HTML 9Page - Diodes Incorporated AL1772 Datasheet HTML 10Page - Diodes Incorporated AL1772 Datasheet HTML 11Page - Diodes Incorporated AL1772 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AL1771/1772
Document number: DS41314 Rev. 1 - 2
8 of 24
www.diodes.com
August 2018
© Diodes Incorporated
AL1771/1772
Electrical Characteristics (Cont.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
NLEDxSHDG
—
PWM Dimming (count the number of continuous
cycles when LED short is detected)
—
15
—
Cycles
tLEDxSH_HICCUP
LED Short Protection Hiccup Time
—
—
128
—
ms
tLEDxOPDG
Open-detection Deglitch
100% duty-cycle
—
6
—
ms
NLEDxOPDG
PWM Dimming (count the number of continuous
cycles when LED open is detected)
—
15
—
Cycles
tLEDxOP_HICCUP
LED Open Protection Hiccup Time
—
—
128
—
ms
tSS
Soft-start Time
VPWMx = 5V, 90% of ILEDx_NOM
—
200
—
µs
ILEDPG_FULL
LEDPG Full Current
—
—
32
—
µA
ILEDPG_LSB
LEDPG LSB Current
—
—
0.5
—
µA
tLEDPG_ADJUST
LEDPG Adjust Time
—
—
512
—
ms
TSHDN
Thermal Shutdown Threshold
—
—
+160
—
°C
THY
Temperature Hysteresis
—
—
+30
—
°C
VFOL
FAULTB Output Low Voltage
IFAULTB = 1mA
—
—
180
mV
IFOH
FAULTB Leakage Current
VFAULTB = 5V
—
—
1
μA
θJA
Thermal Resistance Junction-to-
Ambient
TSSOP-16EP (Type DX) (Note 5)
—
50
—
°C/W
θJC
Thermal Resistance Junction-to-
Case
TSSOP-16EP (Type DX) (Note 5)
—
15
—
°C/W
Note 5:
Device mounted on 2” x 2” FR-4 substrate PCB, 2oz copper, with minimum recommended pad on top layer and thermal vias to bottom layer ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com