Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1772 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL1772
Description  PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1772 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL1772 Datasheet HTML 1Page - Diodes Incorporated AL1772 Datasheet HTML 2Page - Diodes Incorporated AL1772 Datasheet HTML 3Page - Diodes Incorporated AL1772 Datasheet HTML 4Page - Diodes Incorporated AL1772 Datasheet HTML 5Page - Diodes Incorporated AL1772 Datasheet HTML 6Page - Diodes Incorporated AL1772 Datasheet HTML 7Page - Diodes Incorporated AL1772 Datasheet HTML 8Page - Diodes Incorporated AL1772 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AL1771/1772
Document number: DS41314 Rev. 1 - 2
3 of 24
www.diodes.com
August 2018
© Diodes Incorporated
AL1771/1772
Typical Applications Circuit (Cont.)
REF1
LED1
RSET1
Wireless/Color
Management
MCU
85~265Vac
AL1772
FB
LEDPG
VMCU3(3V)
VLED
GD
CS
AVCC
PWM1
FAULTB
VMCU3(3V)
DVCC
AGND
DGND
EP
C3
R7
R5
R6
COMP
RCS
Q1
C1
C4
R2
C7
C2
C5
RLEDPG
RFAULTB
LED2
PWM2
RSET2
REF2
D3
D1
D2
Figure 2. 2-Channel Tunable White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com